Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG128M72AER534D6MG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3HG128M72AER534D6MG
Description  1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72AER534D6MG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG128M72AER534D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG128M72AER534D6MG Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
WV3HG128M72AER-D6
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 0
PART NUMBERING GUIDE
WV 3 H G 128M 72 A E R xxx D6 x G
WEDC
MEMORY
DDR 2
GOLD
DEPTH
BUS WIDTH
x4
1.8V
REGISTERED
SPEED (MHz)
PACKAGE 240 PIN
COMPONENT VENDOR
NAME
(M = Micron)
(S = Samsung)
G = ROHS COMPLIANT


Similar Part No. - WV3HG128M72AER534D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER534AD6EG WEDC-WV3HG128M72AER534AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER534AD6IEG WEDC-WV3HG128M72AER534AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER534AD6IMG WEDC-WV3HG128M72AER534AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER534AD6ISG WEDC-WV3HG128M72AER534AD6ISG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER534AD6MG WEDC-WV3HG128M72AER534AD6MG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

Similar Description - WV3HG128M72AER534D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com