Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC40-12S33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDC40-12S33
Description  40 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDC40-12S33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDC40-12S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC40-12S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDC40-12S33 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTPUT SPECIFICATIONS
Output power
40 Watts max
Voltage accuracy Full load and nominal Vin
Single & Dual
Triple 3.3V/5V
Auxiliary
± 2%
± 2%
± 5%
Voltage adjustability
± 10%
Minimum load (Note 1)
FDC40-XXD3305 3.3V output
Others
20% min
10% of FL
Line regulation
LL to HL at Full Load
Single
Dual
Triple 3.3V/5V
Auxiliary
± 0.5%
± 1%
± 2%
± 5%
Load regulation
10% to 100% FL
Single
Dual
Triple 3.3V/5V
Auxiliary
± 0.5%
± 1%
± 2%
± 5%
Cross regulation (Note 2)
Dual
Triple 3.3V/5V
Auxiliary
± 1%
± 1%
± 5%
Ripple and noise
20MHz bandwidth
1%/p-p of Vout max
Temperature coefficient
I0.02% / ºC, max
Transient response recovery time 25% load step change
500uS
Over voltage protection
Zener diode clamp
3.3V output
5V output
12V output
15V output
3.9V
6.2V
15V
18V
Short circuit protection
Hiccup, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
12V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 3) Nominal Vin and full load
40mAp-p
Start up time
Nominal Vin and constant resistor load
25mS typ
Remote ON/OFF
(Note 4)
Remote off input current
DC-DC ON
DC-DC OFF
Nominal input
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
30mA
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
500Pf, max
Switching frequency
185KHz, typ
Design meet safety standard
UL1950, EN60950
Case material
Nickel-coated copper
Base material
Non-conductive black FR4
Potting material
Epoxy (UL94-V0)
Dimensions
3.00 X 2.60 X 0.40 Inch
(70.2 X 66.0 X 10.2 mm)
Weight
125g (4.4oz)
MTBF (Note 5)
1.590 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance
Nature convection
5.7ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 30minitues along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level A
Radiated emissions
EN55022
Level A
Conducted immunity
EN61000-4-6
Perf. Criteria2
Radiated immunity
EN61000-4-3
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Fast transient
EN61000-4-4
Perf. Criteria2
ESD
EN61000-4-2
Perf. Criteria2
The FDC40 series offer 40 Watts of output power from a 3 x 2.6 x 0.4 inch package.
The FDC40 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FDC40
features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six
sided shielding. Designed meets the safety of EN60950 and UL1950. All models are
particularly suited to telecommunications, industrial, mobile telecom and test equipment
applications.
TECHNIC A L SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
40 WATTS OUTPUT POWER
2:1 WIDE INPUT VOLTAGE RANGE
DESIGN MEET SAFETY STANDARD
SIX-SIDED CONTINUOUS SHIELD
HIGH EFFICIENCY UP TO 90%
STANDARD 3” X 2.6” X 0.4” PACKAGE
FIXED SWITCHING FREQUENCY
Patent No. 460344


Similar Part No. - FDC40-12S33

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC40-12S33 ASTRODYNE-FDC40-12S33 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FDC40-12S33 VOLGEN-FDC40-12S33 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
logo
Astrodyne Corporation
FDC40-12S33 ASTRODYNE-FDC40-12S33 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FDC40-12S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40 P-DUKE-FEC40_14 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
FEC40W P-DUKE-FEC40W_14 Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com