Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC157 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC157
Description  Quad 2-input multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC157 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC157 Datasheet HTML 1Page - NXP Semiconductors 74HC157 Datasheet HTML 2Page - NXP Semiconductors 74HC157 Datasheet HTML 3Page - NXP Semiconductors 74HC157 Datasheet HTML 4Page - NXP Semiconductors 74HC157 Datasheet HTML 5Page - NXP Semiconductors 74HC157 Datasheet HTML 6Page - NXP Semiconductors 74HC157 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74HC/HCT157
FEATURES
• Non-inverting data path
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT157 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT157 are quad 2-input multiplexers which
select 4 bits of data from two sources under the control of
a common data select input (S). The four outputs present
the selected data in the true (non-inverted) form. The
enable input (E) is active LOW. When E is HIGH, all of the
outputs (1Y to 4Y) are forced LOW regardless of all other
input conditions.
Moving the data from two groups of registers to four
common output buses is a common use of the “157”. The
state of the common data select input (S) determines the
particular register from which the data comes. It can also
be used as function generator.
The device is useful for implementing highly irregular logic
by generating any four of the 16 different functions of two
variables with one variable common.
The “157” is the logic implementation of a 4-pole,
2-position switch, where the position of the switch is
determined by the logic levels applied to S.
The logic equations are:
1Y = E.(1l1.S + 1l0.S)
2Y = E.(2l1.S + 2l0.S)
3Y = E.(3l1.S + 3l0.S)
4Y = E.(4l1.S + 4l0.S)
The “157” is identical to the “158” but has non-inverting
(true) outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC = 5 V
nI0, nI1 to nY
11
13
ns
E to nY
11
12
ns
S to nY
12
19
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per multiplexer notes 1 and 2
70
70
pF


Similar Part No. - 74HC157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC157 NXP-74HC157 Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
logo
Nexperia B.V. All right...
74HC157 NEXPERIA-74HC157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HC157-Q100 NEXPERIA-74HC157-Q100 Datasheet
782Kb / 17P
   Quad 2-input multiplexer
74HC157-Q100 NEXPERIA-74HC157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
logo
NXP Semiconductors
74HC157BQ NXP-74HC157BQ Datasheet
159Kb / 18P
   Quad 2-input multiplexer
Rev. 3-31 December 2010
More results

Similar Description - 74HC157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com