Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2762AE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2762AE
Description  High-Precision Li Battery Monitor With Alerts
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2762AE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2762AE Datasheet HTML 6Page - Maxim Integrated Products DS2762AE Datasheet HTML 7Page - Maxim Integrated Products DS2762AE Datasheet HTML 8Page - Maxim Integrated Products DS2762AE Datasheet HTML 9Page - Maxim Integrated Products DS2762AE Datasheet HTML 10Page - Maxim Integrated Products DS2762AE Datasheet HTML 11Page - Maxim Integrated Products DS2762AE Datasheet HTML 12Page - Maxim Integrated Products DS2762AE Datasheet HTML 13Page - Maxim Integrated Products DS2762AE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DS2762 High-Precision Li+ Battery Monitor With Alerts
10 of 25
register, and enters sleep mode. The DS2762 provides a current-limited (IRC) recovery charge path from PLS to
VDD to gently charge severely depleted cells. The recovery path is enabled when 0
£ VDD < 3V (typ). Once VDD
reaches 3V (typ), the DS2762 returns to normal operation, awaiting connection of a charger to turn on the charge
FET and pull out of sleep mode.
Overcurrent, Charge Direction. The voltage difference between the IS1 pin and the IS2 pin (VIS = VIS1 - VIS2) is the
filtered voltage drop across the current-sense resistor. If VIS exceeds overcurrent threshold VOC for a period longer
than overcurrent delay tOCD, the DS2762 shuts off both external FETs and sets the COC flag in the protection
register. The charge current path is not re-established until the voltage on the PLS pin drops below VDD - VTP. The
DS2762 provides a test current of value ITST from PLS to VSS to pull PLS down to detect the removal of the
offending charge current source.
Overcurrent, Discharge Direction. If VIS is less than -VOC for a period longer than tOCD, the DS2762 shuts off the
external discharge FET and sets the DOC flag in the protection register. The discharge current path is not re-
established until the voltage on PLS rises above VDD - VTP. The DS2762 provides a test current of value ITST from
VDD to PLS to pull PLS up to detect the removal of the offending low-impedance load.
Short Circuit. If the voltage on the SNS pin with respect to VSS exceeds short-circuit threshold VSC for a period
longer than short-circuit delay tSCD, the DS2762 shuts off the external discharge FET and sets the DOC flag in the
protection register. The discharge current path is not re-established until the voltage on PLS rises above VDD - VTP.
The DS2762 provides a test current of value ITST from VDD to PLS to pull PLS up to detect the removal of the short
circuit.
Figure 3. Li+ Protection Circuitry Example Waveforms
Summary. All of the protection conditions described above are ORed together to affect the
CC and DC outputs.
DC = (Undervoltage) or (Overcurrent, Either Direction) or (Short Circuit) or (Protection Register Bit DE = 0)
or (Sleep Mode)
CC = (Overvoltage) or (Undervoltage) or (Overcurrent, Charge Direction) or (Protection Register bit CE = 0)
or (Sleep Mode)
SLEEP
MODE
VOV
VCE
VUV
VCELL
VIS
CHARGE
DISCHARGE
CC
DC
-VSC
VOC
-VOC
0
tSCD
tOCD
tOCD
tUVD
tOVD
VPLS
VDD
ACTIVE
VSS
VSS
INACTIVE
tOVD
(NOTE 1)
NOTE 1: TO ALLOW THE DEVICE TO REACT QUICKLY TO SHORT CIRCUITS, DETECTION OCCURS ON THE SNS PIN RATHER THAN ON THE
FILTERED IS1 AND IS2 PINS. THE ACTUAL SHORT-CIRCUIT DETECT CONDITION IS VSNS > VSC.


Similar Part No. - DS2762AE

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS276 DALLAS-DS276 Datasheet
132Kb / 11P
   Low Power Transceiver Chip
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2762AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Current and Voltage Monitor with Programmable Overcurrent Alerts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com