Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2762AE-025 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2762AE-025
Description  High-Precision Li Battery Monitor With Alerts
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2762AE-025 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2762AE-025 Datasheet HTML 1Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 2Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 3Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 4Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 5Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 6Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 7Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 8Page - Maxim Integrated Products DS2762AE-025 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
REV: 111703
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2762 high-precision Li+ battery monitor is a
data-acquisition, information-storage, and safety-
protection device tailored for cost-sensitive battery
pack applications. This low-power device integrates
precise
temperature,
voltage,
and
current
measurement, nonvolatile (NV) data storage, and Li+
protection into the small footprint of either a TSSOP
package or flip-chip package. The DS2762 is a key
component in applications including remaining
capacity estimation, safety monitoring, and battery-
specific data storage.
PIN CONFIGURATIONS
FEATURES
§
Li+ Safety Circuit
Overvoltage Protection
Overcurrent/Short-Circuit Protection
Undervoltage Protection
§
Host Alerted When Accumulated Current or
Temperature Exceeds User-Selectable Limits
§
0V Battery Recovery Charge
§
Available in Two Configurations:
Internal 25m
W Sense Resistor
External User-Selectable Sense Resistor
§
Current Measurement
12-Bit Bidirectional Measurement
Internal Sense Resistor Configuration:
0.625mA LSB and ±1.9A Dynamic Range
External Sense Resistor Configuration:
15.625
mV LSB and ±64mV Dynamic Range
§
Current Accumulation:
Internal Sense Resistor: 0.25mAhr LSB
External Sense Resistor: 6.25
mVhr LSB
§
Voltage Measurement with 4.88mV Resolution
§
Temperature Measurement Using Integrated
Sensor with 0.125°C Resolution
§
System Power Management and Control
Feature Support
§
32 Bytes of Lockable EEPROM
§
16 Bytes of General-Purpose SRAM
§
Dallas 1-Wire
® Interface with Unique 64-Bit
Device Address
§
Low-Power Consumption:
Active Current: 60
mA typ, 90mA max
Sleep Current: 1
mA typ, 2mA max
APPLICATIONS
PDAs
Cell Phones/Smartphones
Digital Cameras
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2762BE
-20°C to +70°C
16 TSSOP
Selector Guide appears at end of data sheet, for additional
options.
DS2762
High-Precision Li+ Battery Monitor With Alerts
www.maxim-ic.com
TOP VIEW
CC
VIN
VDD
PIO
VSS
VSS
VSS
PS
IS1
TSSOP
IS2
SNS
SNS
1
2
23
2
1
4
5
6
7
8
16
15
14
13
12
11
10
9
SNS
DQ
PLS
DC
1-Wire is registered trademark of Dallas Semiconductor.
FLIP CHIP
(top view – bumps on bottom)
PLS
DC
DQ
CC
IS2
VIN
IS1
VDD
PIO
PS
SNS
VSS
1
2
3
4
A
B
C
D
E
F
SNS
PROBE
VSS
PROBE


Similar Part No. - DS2762AE-025

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS276 DALLAS-DS276 Datasheet
132Kb / 11P
   Low Power Transceiver Chip
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2762AE-025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Current and Voltage Monitor with Programmable Overcurrent Alerts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com