Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5954B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5954B
Description  Axial-Leaded 1.5 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5954B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5954B Datasheet HTML 1Page - Microsemi Corporation 1N5954B Datasheet HTML 2Page - Microsemi Corporation 1N5954B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Axial-Leaded 1.5 Watt Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-03-2003 REV B
SCOTTSD A L E DIVISION
1N5913BG thru 1N5956BG (Glass)
DESCRIPTION
APPEARANCE
The 1N5913BG-5956BG series of 1.5 watt Zeners provides voltage
regulation in a selection from 3.3 to 200 volts with different tolerances as
identified by suffix letter on the part. These glass encapsulated Zeners with
a G suffix provide hermetic-sealed qualities and higher rated temperature
when required beyond that optionally provided in equivalent plastic-body
constructions (P suffix) for the same JEDEC part numbers. Both package
options are available by Microsemi.
A variety of other Zener product
offerings and packages are available by Microsemi to meet higher or lower
power and test-current applications.
DO-41 or
DO-204AL
(Glass)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
JEDEC registered 1N5913B to 1N5956B
Zener voltage available 3.3V to 200V
Standard voltage tolerances are plus/minus 5%
with B suffix and 10 % with A suffix identification
Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
Surface mount equivalents available as SMBJ5913
to SMBJ5956B, SMBG5913 to SMBG5956B, or
MLL5913B to MLL5956B
Plastic body axial-leaded Zener equivalents are
also available as 1N5913BP to 1N5956BP
Regulates voltage over a broad operating current
and temperature range
Wide selection from 3.3 to 200 V
Flexible axial-lead mounting terminals
Metallurgically enhanced internal contact design for
greater reliability and lower thermal resistance in
glass hermetically sealed package
Nonsensitive to ESD
Hermetically sealed glass body construction
Specified capacitance (see Figure 3)
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Power dissipation at 25
ºC: 1.5 watts (also see
derating in Figure 1).
Operating and Storage temperature: -65
ºC to
+175
ºC
Thermal Resistance: 60
ºC/W junction to lead at
3/8 (10 mm) lead length from body, or 120
ºC/W
junction to ambient when mounted on FR4 PC
board (1 oz Cu) with 4 mm
2 copper pads and track
width 1 mm, length 25 mm
Steady-State Power: 1.5 watts at TL < 85
oC 3/8
inch (10 mm) from body, or 1.25 watts at TA = 25
ºC
when mounted on FR4 PC board as described for
thermal resistance (also see Figure 1)
Forward voltage @200 mA: 1.2 volts (maximum)
Solder Temperatures: 260
ºC for 10 s (max)
CASE: Hermetically sealed axial-lead glass
package
TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
MARKING: Part number
TAPE & REEL optional: Standard per EIA-296 (add
“TR” suffix to part number)
WEIGHT: 0.4 grams
See package dimensions on last page


Similar Part No. - 1N5954B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5954B PANJIT-1N5954B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Central Semiconductor C...
1N5954B CENTRAL-1N5954B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Transys Electronics
1N5954B TRSYS-1N5954B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Frontier Electronics.
1N5954B FRONTIER-1N5954B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
1N5954B JGD-1N5954B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5954B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913BP MICROSEMI-1N5913BP Datasheet
226Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5944B AMMSEMI-1N5944B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5950B AMMSEMI-1N5950B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Inchange Semiconductor ...
1N5917B ISC-1N5917B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5919B ISC-1N5919B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5922B AMMSEMI-1N5922B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5932B AMMSEMI-1N5932B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5933B AMMSEMI-1N5933B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com