Selected language     English  ▼


LA733P Datasheet(PDF) 1 Page - ON Semiconductor

Part No. LA733P
Description  Amplifier Transistors (PNP Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2001
August, 2001 – Rev. 1
1
Publication Order Number:
LA733P/D
LA733P, LA733Q
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
–48
Vdc
Collector-Base Voltage
VCBO
–60
Vdc
Emitter-Base Voltage
VEBO
–5.0
Vdc
Collector Current – Continuous
IC
–100
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Ambient
RθJA
200
°C/W
Thermal Resistance,
Junction to Case
RθJC
83.3
°C/W
Device
Package
Shipping
ORDERING INFORMATION
LA733P
TO–92
http://onsemi.com
TO–92
CASE 29
STYLE 14
5000 Units/Box
3
2
1
LA733Q
TO–92
5000 Units/Box
COLLECTOR
2
3
BASE
1
EMITTER
LA733x = Specific Device Code
x
= P or Q
Y
= Year
WW
= Work Week
MARKING DIAGRAMS
LA
733x
YWW




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L2N5401Amplifier Transistors PNP Silicon 1 2 3 4 Leshan Radio Company
BC16116Amplifier Transistors PNP Silicon 1 2 3 4 5 MoreMotorola, Inc
BCX78-7AMPLIFIER TRANSISTORS PNP SILICON 1 2 3 Motorola, Inc
2SB1657AUDIO FREQUENCY AMPLIFIER SWITCHING PNP SILICON EPITAXIAL TRANSISTORS 1 2 3 4 5 MoreNEC
BC251AMPLIFIER TRANSISTORS PNP SILICON 1 2 3 4 5 Motorola, Inc
2SB1658AUDIO FREQUENCY AMPLIFIER SWITCHING PNP SILICON EPITAXIAL TRANSISTORS 1 2 3 4 5 MoreNEC
BD526PNP SILICON AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
2N4250Silicon PNP Transistors designed for low level - low nosie amplifier applications 1 Central Semiconductor Corp
2SA1625PNP SILICON TRANSISTOR general purpose amplifier and high speed switching 1 2 3 4 NEC
2SA1979UPNP Silicon Transistor Medium power amplifier 1 2 3 4 AUK corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl