Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG128M72AER534AD6ISG Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WV3HG128M72AER534AD6ISG
Description  1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72AER534AD6ISG Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WV3HG128M72AER534AD6ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 11Page - White Electronic Designs Corporation WV3HG128M72AER534AD6ISG Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WV3HG128M72AER-AD6
ADVANCED
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 1
PIN 1
18.29 (0.720)
TYP.
5.0 (0.197) TYP.
123.0 (4.843)
TYP.
1.0 (0.039)
TYP.
0.80 (0.032)
TYP.
2.00 (0.079)
(4X)
PIN 120
FRONT VIEW
133.50 (5.256)
133.20 (5.244)
63.0 (2.480)
TYP.
55.0 (2.165)
TYP.
10.00 (0.394)
TYP.
BACK VIEW
PIN 240
PIN 121
1.50 (0.059)
3.00 (0.118)
(4X)
5.175 (0.204)
(2X)
PLL
PACKAGE DIMENSIONS FOR AD6
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR AD6
Part Number
Speed/Data Rate
CAS Latency
tRCD
tRP
Height*
WV3HG128M72AER534AD6xxG
266MHz/533Mb/s
4
4
4
18.29mm (0.72")
WV3HG128M72AER403AD6xxG
200MHz/400Mb/s
3
3
3
18.29mm (0.72")
NOTES:
• RoHS products. (“G” = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(E = Ellpida, M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3HG128M72AER534AD6ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER534D6MG WEDC-WV3HG128M72AER534D6MG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER534D6SG WEDC-WV3HG128M72AER534D6SG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
More results

Similar Description - WV3HG128M72AER534AD6ISG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Micron Technology
MT18HVF12872Y MICRON-MT18HVF12872Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
MT18HVF6472Y MICRON-MT18HVF6472Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com