Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG128M72EER806D7SG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WV3HG128M72EER806D7SG
Description  1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72EER806D7SG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WV3HG128M72EER806D7SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72EER806D7SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WV3HG128M72EER-D7
May 2006
Rev. 0
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
1GB – 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
DESCRIPTION
The WV3HG128M72EER is a 128Mx72 Double Data
Rate DDR2 SDRAM high density module. This memory
module consists of nine 128Mx8 bit with 4 banks DDR2
Synchronous DRAMs in FBGA packages, mounted on a
244-pin DIMM FR4 substrate.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
244-pin, dual in-line memory module (Mini-DIMM)
Fast data transfer rates: PC2-6400*, PCS-5300*,
PC2-4200 and PC2-3200
Utilizes 800*, 667*, 533 and 400 Mb/s DDR2
SDRAM components
VCC = VCCQ = 1.8V ±0.1V
VCCSPD = 1.7V to 3.6V
Differential data strobe (DQS, DQS#) option
Four-bit prefetch architecture
Programmable CAS# latency (CL): 3, 4, 5* and 6*
On-die termination (ODT)
Serial Presence Detect (SPD) with EEPROM
JEDEC Standard 1.8V I/O (SSTL_18 Compatible)
Gold (Au) edge contacts
Sinlge Rank
RoHS compliant
Package option
• 244 Pin Mini-DIMM
• PCB – 30.00mm (1.181") TYP
OPERATING FREQUENCIES
PC2-3200
PC2-4200
PC2-5300*
PC2-6400*
Clock Speed
200MHz
266MHz
333MHz
400MHz
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
*Consult factory for availability.


Similar Part No. - WV3HG128M72EER806D7SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
WV3HG128M72EEU403PD4IMG WEDC-WV3HG128M72EEU403PD4IMG Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
WV3HG128M72EEU403PD4ISG WEDC-WV3HG128M72EEU403PD4ISG Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
WV3HG128M72EEU403PD4MG WEDC-WV3HG128M72EEU403PD4MG Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
WV3HG128M72EEU403PD4SG WEDC-WV3HG128M72EEU403PD4SG Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
More results

Similar Description - WV3HG128M72EER806D7SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
List of Unclassifed Man...
SEH01G72A1BH1MT-30[W]R ETC2-SEH01G72A1BH1MT-30[W]R Datasheet
1Mb / 14P
   1GB DDR2 ??SDRAM Registered Mini-DIMM
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com