Electronic Components Datasheet Search |
|
WV3HG264M64EEU534D4SG Datasheet(PDF) 5 Page - White Electronic Designs Corporation |
|
WV3HG264M64EEU534D4SG Datasheet(HTML) 5 Page - White Electronic Designs Corporation |
5 / 11 page WV3HG264M64EEU-D4 February 2006 Rev. 2 ADVANCED 5 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs OPERATING TEMPERATURE CONDITION Parameter Symbol Rating Units Notes Operating temperature TOPER 0° to 85° °C 1, 2 Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDED JESD51.2 2. At 0°C - 85°C, operation temperature range, all DRAM specification will be supported. INPUT DC LOGIC LEVEL All voltages referenced to VSS Parameter Symbol Min Max Units Input High (Logic 1) Voltage VIH(DC) VREF + 0.125 VCC + 0.300 V Input Low (Logic 0) Voltage VIL(DC) -0.300 VREF - 0.125 V INPUT AC LOGIC LEVEL All voltages referenced to VSS Parameter Symbol Min Max Units Input High (Logic 1) Voltage DDR2-400 & DDR2-533 VIH(DC) VREF + 0.250 - V Input Low (Logic 1) Voltage DDR2-667 VIH(DC) VREF + 0.200 - V Input Low (Logic 0) Voltage DDR2-400 & DDR2-533 VIL(DC) - VREF - 0.250 V Input Low (Logic 0) Voltage DDR2-667, DDR2-800 TBD VIL(DC) - VREF - 0.200 V |
Similar Part No. - WV3HG264M64EEU534D4SG |
|
Similar Description - WV3HG264M64EEU534D4SG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |