Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG264M64EEU403D6MG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3HG264M64EEU403D6MG
Description  1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M64EEU403D6MG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3HG264M64EEU403D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M64EEU403D6MG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3HG264M64EEU-D6
December 2005
Rev. 0
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS (cont'd)
0°C ≤ TCASE < +85°C; VCCQ = + 1.8V ± 0.1V, VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Address and control input setup time
tIS
TBD
TBD
200
250
250
ps
Address and control input hold time
tIH
TBD
TBD
275
375
475
ps
CAS# to CAS# command delay
tCCD
TBD
TBD
222
tCK
ACTIVE to ACTIVE (same bank) command
tRC
TBD
TBD
55
55
55
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
TBD
TBD
7.5
7.5
7.5
ns
ACTIVE to READ or WRITE delay
tRCD
TBD
TBD
15
15
15
ns
Four Bank Activate period
tFAW
TBD
TBD
37.5
37.5
37.5
37.5
37.5
37.5
ACTIVE to PRECHARGE command
tRAS
TBD
TBD
45
70,000
45
70,000
45
70,000
ns
Internal READ to precharge command delay
tRTP
TBD
TBD
7.5
7.5
7.5
ns
Write recovery time
tWR
TBD
TBD
15
15
15
ns
Auto precharge write recovery + precharge time
tDAL
TBD
TBD
tWR + tRP
tWR + tRP
tWR + tRP
ns
Internal WRITE to READ command delay
tWTR
TBD
TBD
10
7.5
10
ns
PRECHARGE command period
tRP
TBD
TBD
15
15
15
PRECHARGE ALL command period
tRPA
TBD
TBD
tWR + tCK
tWR + tCK
tWR + tCK
ns
LOAD MODE command cycle time
tMRD
TBD
TBD
222
tCK
CKE low to CK,CK# uncertainty
tDELAY
TBD
TBD
tIS + tCK + tIH
tIS + tCK + tIH
tIS + tCK + tIH
ns
REFRESH to REFRESH command interval
tRFC
TBD
TBD
127.5
127.5
127.5
70,000
127.5
70,000
ns
Average periodic refresh interval
tREFI
TBD
TBD
7.8
7.8
7.8
µs
Exit self refresh to non-READ command
tXSNR
TBD
TBD
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
ns
Exit self refresh to READ command
tXSRD
TBD
TBD
200
200
200
tCK
Exit self refresh timing reference
tISXR
TBD
TBD
tIS
tIS
tIS
ps
ODT turn-on delay
tAOND
TBD
TBD
222222
tCK
ODT turn-on
tAON
TBD
TBD
tAC (MIN)
tAC (MAX)
+ 1000
tAC (MIN)
tAC (MAX)
+ 1000
tAC (MIN)
tAC (MAX)
+ 1000
ps
ODT turn-off delay
tAOFD
TBD
TBD
2.5
2.5
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
TBD
TBD
tAC (MIN)
tAC (MAX)
+ 600
tAC (MIN)
tAC (MAX)
+ 600
tAC (MIN)
tAC (MAX)
+ 600
ps
ODT turn-on (power-down mode)
tAONPD
TBD
TBD
tAC (MIN) +
2000
2 x tCK +
tAC (MAX)
+ 1000
tAC (MIN) +
2000
2 x tCK +
tAC (MAX)
+ 1000
tAC (MIN) +
2000
2 x tCK +
tAC (MAX)
+ 1000
ps
ODT turn-off (power-down mode)
tAOFPD
TBD
TBD
tAC (MIN) +
2000
2.5 x tCK +
tAC (MAX)
+ 1000
tAC (MIN) +
2000
2.5 x tCK +
tAC (MAX)
+ 1000
tAC (MIN) +
2000
2.5 x tCK +
tAC (MAX)
+ 1000
ps
ODT to power-down entry latency
tANPD
TBD
TBD
233
tCK
ODT power-down exit latency
tAXPD
TBD
TBD
888
tCK
Exit active power-down to READ command,
MR[bit12=0]
tXARD
TBD
TBD
2
22
tCK
Exit active power-down to READ command,
MR[bit12=1]
tXARDS
TBD
TBD
7-AL
6 - AL
6 - AL
tCK
A Exit precharge power-down to any non-READ
command.
tXP
TBD
TBD
2
22
tCK
CKE minimum high/low time
tCKE
TBD
TBD
333
tCK
NOTE:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.


Similar Part No. - WV3HG264M64EEU403D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU403D4MG WEDC-WV3HG264M64EEU403D4MG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M64EEU403D4SG WEDC-WV3HG264M64EEU403D4SG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG264M64EEU403D6MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com