Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG2128M64EEU-D6 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3HG2128M64EEU-D6
Description  2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG2128M64EEU-D6 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG2128M64EEU-D6 Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG2128M64EEU-D6 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG2128M64EEU-D6
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2006
Rev. 1
30.50 (1.201)
29.85 (1.175)
PIN 1
17.80 (0.700)
TYP.
5.0 (0.197) TYP.
123.0 (4.843)
TYP.
1.0 (0.039)
TYP.
0.80 (0.032)
TYP.
4.00 (0.158)
(4X)
PIN 120
FRONT VIEW
133.50 (5.256)
133.20 (5.244)
63.0 (2.480)
TYP.
55.0 (2.165)
TYP.
10.00 (0.394)
TYP.
BACK VIEW
PIN 240
PIN 121
1.37 (0.054)
1.17 (0.046)
4.00 (0.158)
MAX
1.50 (0.059)
3.00 (0.118)
(4X)
5.175 (0.204)
(2X)
PACKAGE DIMENSIONS FOR D6
** ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D6
Part Number
Speed/Data Rate
Frequency
CAS Latency
tRCD
tRP
Height**
WV3HG2128M64EEU806D6xxG*
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG2128M64EEU665D6xxG*
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG2128M64EEU534D6xxG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG2128M64EEU403D6xxG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
* Contact factory for availability
NOTES:
• RoHS compliant product. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3HG2128M64EEU-D6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG2128M64EEU-D6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AFFA ELPIDA-EBE21UE8AFFA Datasheet
242Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWA ELPIDA-EBE21UE8ACWA Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21EE8ABFA ELPIDA-EBE21EE8ABFA Datasheet
229Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEWA ELPIDA-EBE21UE8AEWA Datasheet
253Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWB ELPIDA-EBE21UE8ACWB Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU02G64B4BF2SA-25R ETC2-SEU02G64B4BF2SA-25R Datasheet
988Kb / 16P
   2GB DDR2 . SDRAM unbuffered DIMM
logo
Elpida Memory
EBE21UE8ABFA ELPIDA-EBE21UE8ABFA Datasheet
224Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com