Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG128M72EEU806PD4ISG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3HG128M72EEU806PD4ISG
Description  1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72EEU806PD4ISG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3HG128M72EEU806PD4ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG128M72EEU806PD4ISG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3HG128M72EEU-PD4
May 2006
Rev. 0
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS & SPECIFICATIONS (cont'd)
VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ACTIVE to ACTIVE (same bank) command
tRC
TBD
TBD
55
55
55
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
TBD
TBD
7.5
7.5
7.5
ns
ACTIVE to READ or WRITE delay
tRCD
TBD
TBD
15
15
15
ns
Four Bank Activate period
tFAW
TBD
TBD
37.5
37.5
37.5
37.5
37.5
37.5
ns
ACTIVE to PRECHARGE command
tRAS
TBD
TBD
45
70,000
45
70,000
45
70,000
ns
Internal READ to precharge command delay
tRTP
TBD
TBD
7.5
7.5
7.5
ns
Write recovery time
tWR
TBD
TBD
15
15
15
ns
Auto precharge write recovery + precharge
time
tDAL
TBD
TBD
tWR +
tRP
tWR +
tRP
tWR +
tRP
ns
Internal WRITE to READ command delay
tWTR
TBD
TBD
7.5
7.5
10
ns
PRECHARGE command period
tRP
TBD
TBD
15
15
15
ns
PRECHARGE ALL command period
tRPA
TBD
TBD
tRP+tCK
tRP+tCK
tRP+tCK
ns
LOAD MODE command cycle time
tMRD
TBD
TBD
222
tCK
CKE low to CK,CK# uncertainty
tDELAY
TBD
TBD
tIS + tCK
+ tIH
tIS + tCK
+ tIH
tIS + tCK
+ tIH
ns
REFRESH to Active of Refresh to Refresh
command interfal
tRFC
TBD
TBD
105
70,000
105
70,000
105
70,000
ns
Average periodic refresh interval
tREFI
TBD
TBD
7.8
7.8
7.8
µs
Exit self refresh to non-READ command
tXSNR
TBD
TBD
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
tRFC (MIN)
+ 10
ns
Exit self refresh to READ command
tXSRD
TBD
TBD
200
200
200
tCK
Exit self refresh timing reference
tISXR
TBD
TBD
tIS
tIS
tIS
ps
ODT turn-on delay
tAOND
TBD
TBD
222222
tCK
ODT turn-on
tAON
TBD
TBD
tAC
(MIN)
tAC
(MAX)
+ 1000
tAC
(MIN)
tAC
(MAX)
+ 1000
tAC
(MIN)
tAC
(MAX)
+ 1000
ps
ODT turn-off delay
tAOFD
TBD
TBD
2.5
2.5
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
TBD
TBD
tAC
(MIN)
tAC
(MAX)
+ 600
tAC
(MIN)
tAC
(MAX)
+ 600
tAC
(MIN)
tAC
(MAX)
+ 600
ps
ODT turn-on (power-down mode)
tAONPD
TBD
TBD
tAC
(MIN) +
2000
2 x tCK
+ tAC
(MAX)
+ 1000
tAC
(MIN) +
2000
2 x tCK
+ tAC
(MAX)
+ 1000
tAC
(MIN) +
2000
2 x tCK
+ tAC
(MAX)
+ 1000
ps
ODT turn-off (power-down mode)
tAOFPD
TBD
TBD
tAC
(MIN) +
2000
2.5
x tCK
+ tAC
(MAX)
+ 1000
tAC
(MIN) +
2000
2.5
x tCK
+ tAC
(MAX)
+ 1000
tAC
(MIN) +
2000
2.5
x tCK
+ tAC
(MAX)
+ 1000
ps
ODT to power-down entry latency
tANPD
TBD
TBD
333
tCK
ODT power-down exit latency
tAXPD
TBD
TBD
888
tCK
Exit active power-down to READ command,
MR[bit12=0]
tXARD
TBD
TBD
222
tCK
Exit active power-down to READ command,
MR[bit12=1]
tXARDS
TBD
TBD
7 - AL
6 - AL
6 - AL
tCK
A Exit precharge power-down to any non-
READ command.
tXP
TBD
TBD
222
tCK
CKE minimum high/low time
tCKE
TBD
TBD
333
tCK
* AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.


Similar Part No. - WV3HG128M72EEU806PD4ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EER403D7IMG WEDC-WV3HG128M72EER403D7IMG Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EER403D7ISG WEDC-WV3HG128M72EER403D7ISG Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EER403D7MG WEDC-WV3HG128M72EER403D7MG Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EER403D7SG WEDC-WV3HG128M72EER403D7SG Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results

Similar Description - WV3HG128M72EEU806PD4ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com