Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG264M64EEU403D6SG Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WV3HG264M64EEU403D6SG
Description  1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M64EEU403D6SG Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WV3HG264M64EEU403D6SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M64EEU403D6SG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
WV3HG264M64EEU-D6
December 2005
Rev. 0
ADVANCED
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS
0°C ≤ TCASE < +85°C; VCCQ = + 1.8V ± 0.1V, VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Clock cycle time
CL = 6
tCK (6)
TBD
TBD
ps
CL = 5
tCK (5)
TBD
TBD
3000
8000
ps
CL = 4
tCK (4)
TBD
TBD
3750
8000
3,750
8,000
5,000
8,000
ps
CL = 3
tCK (3)
TBD
TBD
5680
8000
5,000
8,000
5,000
8,000
ps
CK high-level width
tCH
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Half clock period
tHP
TBD
TBD
MIN (tCH,
tCL)
MIN (tCH,
tCL)
MIN (tCH,
tCL)
ps
DQ output access time from CK/CK#
tAC
TBD
TBD
-450
+450
-500
+500
-600
+600
ps
Data-out high-impedance window from
CK/CK#
tHZ
TBD
TBD
tAC (MAX)
tAC (MAX)
tAC (MAX)
ps
Data-out low-impedance window from
CK/CK#
tLZ
TBD
TBD
tAC (MIN)
tAC (MAX)
tAC (MIN)
tAC (MAX)
tAC (MIN)
tAC (MAX)
ps
DQ and DM input setup time relative to DQS
tDS
TBD
TBD
100
100
150
ps
DQ and DM input hold time relative to DQS
tDH
TBD
TBD
225
225
275
ps
A DQ and DM input pulse width (for each
input)
tDIPW
TBD
TBD
0.35
0.35
0.35
tCK
Data hold skew factor
tQHS
TBD
TBD
340
400
450
ps
DQ…DQS hold, DQS to first DQ to go
nonvalid, per access
tQH
TBD
TBD
tHP - tQHS
tHP - tQHS
tHP - tQHS
ps
Data valid output window (DVW)
tDVW
TBD
TBD
tQH
- tDQSQ
tQH
- tDQSQ
tQH
- tDQSQ
ns
DQS input high pulse width
tDQSH
TBD
TBD
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
TBD
TBD
0.35
0.35
0.35
tCK
DQS output access time from CK/CK#
tDQSCK
TBD
TBD
-400
+400
-450
+450
-500
+500
ps
DQS falling edge to CK rising … setup time
tDSS
TBD
TBD
0.2
0.2
0.2
tCK
DQS falling edge from CK rising … hold time
tDSH
TBD
TBD
0.2
0.2
0.2
tCK
DQS…DQ skew, DQS to last DQ valid, per
group,
per access
tDQSQ
TBD
TBD
240
300
350
ps
DQS read preamble
tRPRE
TBD
TBD
0.9
1.1
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
TBD
TBD
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS write preamble setup time
tWPRES
TBD
TBD
000
ps
DQS write preamble
tWPRE
TBD
TBD
0.35
0.35
0.35
tCK
DQS write postamble
tWPST
TBD
TBD
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Write command to first DQS latching
transition
tDQSS
TBD
TBD
WL
- 0.25
WL +
0.25
WL
- 0.25
WL +
0.25
WL
- 0.25
WL +
0.25
tCK
Address and control input pulse width for
each input
tIPW
TBD
TBD
0.6
0.6
0.6
tCK
NOTE:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.
Continued on next page


Similar Part No. - WV3HG264M64EEU403D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU403D4MG WEDC-WV3HG264M64EEU403D4MG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M64EEU403D4SG WEDC-WV3HG264M64EEU403D4SG Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG264M64EEU403D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com