Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG264M72EEU665PD4SG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WV3HG264M72EEU665PD4SG
Description  1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665PD4SG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WV3HG264M72EEU665PD4SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2006
Rev. 2
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WV3HG264M72EEU-PD4
1GB – 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
DESCRIPTION
The WV3HG264M72EEU is a 2x64Mx72 Double Data
Rate DDR2 SDRAM high density module. This memory
module consists of eighteen 64Mx8 bit DDR2 Synchronous
DRAMs in FBGA packages, mounted on a 200-pin SO-
DIMM FR4 substrate.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
Unbuffered 200-pin (SO-DIMM) small-outline dual
in-line memory module
Support ECC detection and correction
Fast data transfer rates: PC2-6400*, PC2-5300*,
PC2-4200 and PC2-3200
VCC = VCCQ = 1.8V ±0.1V
VCCSPD = 1.7V to 3.6V
JEDEC standard 1.8V I/O (SSTL_18-compatible)
Differential data strobe (DQS, DQS#) option
Differential clock input (CK,CK#)
Four-bit prefetch architecture
Multiple internal device banks for concurrent
operation
Programmable CAS# latency (CL): 3 4, 5*, and 6*
Adjustable data-output drive strength
7.8µs average periodic refresh interval
On-die termination (ODT)
Posted CAS# latency: 0, 1, 2, 3 and 4
Serial Presence Detect (SPD) with EEPROM
Auto & self refresh (64ms: 8,192 cycle refresh)
Gold edge contacts
Dual Rank
RoHS compliant
JEDEC proposed pin-out
Package option
• 200 Pin SO-DIMM: 30.00mm (1.181") TYP
OPERATING FREQUENCIES
PC2-3200
PC2-4200
PC2-5300*
PC2-6400*
Clock Speed
200MHz
266MHz
333MHz
400MHz
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
* Consult factory for availability


Similar Part No. - WV3HG264M72EEU665PD4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EEU665D6GG WEDC-WV3HG264M72EEU665D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6MG WEDC-WV3HG264M72EEU665D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6SG WEDC-WV3HG264M72EEU665D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D7IMG WEDC-WV3HG264M72EEU665D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7ISG WEDC-WV3HG264M72EEU665D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

Similar Description - WV3HG264M72EEU665PD4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com