Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF128K32N-120H1I5A Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WF128K32N-120H1I5A
Description  128KX32 5V FLASH MODULE, SMD 5962-94716
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF128K32N-120H1I5A Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WF128K32N-120H1I5A Datasheet HTML 1Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 2Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 3Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 4Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 5Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 6Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 7Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 8Page - White Electronic Designs Corporation WF128K32N-120H1I5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF128K32-XXX5
March 2006
Rev. 8
PIN DESCRIPTION
FIGURE 3 – PIN CONFIGURATION FOR WF128K32-XG2UX5 AND WF128K32-XG2LX5
BLOCK DIAGRAM
TOP VIEW
WE1#CS1#CS2#CS3#CS4#
WE4#
WE3#
WE2#
128K x 8
128K x 8
128K x 8
128K x 8
OE#
A0-16
I/O0-7
I/O24-31
I/O16-23
I/O8-15
88
8
8
I/O0-31
Data Inputs/Outputs
A0-16
Address Inputs
WE1-4#
Write Enables
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
9
8 7
6 5
4
3 2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44


Similar Part No. - WF128K32N-120H1I5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CC5 ETC1-WF128K16-120CC5 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CC5A ETC1-WF128K16-120CC5A Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CI5 ETC1-WF128K16-120CI5 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CI5A ETC1-WF128K16-120CI5A Datasheet
189Kb / 11P
   5V FLASH MODULE
More results

Similar Description - WF128K32N-120H1I5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com