Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS512K8V-15FCA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WMS512K8V-15FCA
Description  512Kx8 MONOLITHIC SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS512K8V-15FCA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WMS512K8V-15FCA Datasheet HTML 1Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 2Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 3Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 4Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 5Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 6Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 7Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 8Page - White Electronic Designs Corporation WMS512K8V-15FCA Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMS512K8V-XXX
October 2004
Rev. 8
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C
≤ TA < 125°C
Parameter Read Cycle
Symbol
-15
-17
-20
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
ns
Address Access Time
tAA
15
17
20
ns
Output Hold from Address Change
tOH
000
ns
Chip Select Access Time
tACS
15
17
20
ns
Output Enable to Output Valid
tOE
8
8
10
ns
Chip Select to Output in Low Z
tCLZ1
111
ns
Output Enable to Output in Low Z
tOLZ1
000
ns
Chip Disable to Output in High Z
tCHZ1
8
8
10
ns
Output Disable to Output in High Z
tOHZ1
8
8
10
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C
≤ TA ≤ 125°C
Parameter Write Cycle
Symbol
-15
-17
-20
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
ns
Chip Select to End of Write
tCW
12
12
14
ns
Address Valid to End of Write
tAW
12
12
14
ns
Data Valid to End of Write
tDW
9
9
10
ns
Write Pulse Width
tWP
12
14
14
ns
Address Setup Time
tAS
000
ns
Address Hold Time
tAH
000
ns
Output Active from End of Write
tOW1
233
ns
Write Enable to Output in High Z
tWHZ1
889
ns
Data Hold Time
tDH
000
ns
1. This parameter is guaranteed by design but not tested.
AC TEST CIRCUIT
AC TEST CONDITIONS
Current Source
Current Source
IOL
IOH
Ceff = 50 pF
D.U.T.
VZ
1.5V
(Bipolar Supply)
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.


Similar Part No. - WMS512K8V-15FCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS512K8V-15FCA ETC-WMS512K8V-15FCA Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8V-15FCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com