Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34D64-RDW6T Datasheet(PDF) 3 Page - STMicroelectronics

Part # M34D64-RDW6T
Description  64 Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Quarter of Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64-RDW6T Datasheet(HTML) 3 Page - STMicroelectronics

  M34D64-RDW6T Datasheet HTML 1Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 2Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 3Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 4Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 5Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 6Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 7Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 8Page - STMicroelectronics M34D64-RDW6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
M34D64
SIGNAL DESCRIPTION
Serial Clock (SCL)
This input signal is used to strobe all data in and
out of the device. In applications where this signal
is used by slave devices to synchronize the bus to
a slower clock, the bus master must have an open
drain output, and a pull-up resistor must be con-
nected from Serial Clock (SCL) to VCC. (Figure 5
indicates how the value of the pull-up resistor can
be calculated). In most applications, though, this
method of synchronization is not employed, and
so the pull-up resistor is not necessary, provided
that the bus master has a push-pull (rather than
open drain) output.
Serial Data (SDA)
This bi-directional signal is used to transfer data in
or out of the device. It is an open drain output that
may be wire-OR’ed with other open drain or open
collector signals on the bus. A pull up resistor must
be connected from Serial Data (SDA) to VCC. (Fig-
ure 5 indicates how the value of the pull-up resistor
can be calculated).
Chip Enable (E0, E1, E2)
These input signals are used to set the value that
is to be looked for on the three least significant bits
(b3, b2, b1) of the 7-bit Device Select Code. These
inputs must be tied to VCC or VSS, to establish the
Device Select Code.
Write Control (WC)
The hardware Write Control pin (WC) is useful for
protecting the top quarter of the memory (as
shown in Figure 4) from inadvertent erase or write.
The Write Control signal is used to enable
(WC=VIL) or disable (WC=VIH) write instructions to
the top quarter of the memory area. When uncon-
nected, the WC input is internally read as VIL, and
write operations are allowed.
Figure 4. Memory Map showing Write Control
Area
Figure 5. Maximum RL Value versus Bus Capacitance (CBUS) for an I
2C Bus
AI03114C
1FFFh
Write Controlled
Area
1000h
0000h
0800h
1800h
AI01665
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
0
4
8
12
16
20
CBUS (pF)
10
1000
fc = 400kHz
fc = 100kHz


Similar Part No. - M34D64-RDW6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34D64-W STMICROELECTRONICS-M34D64-W_08 Datasheet
234Kb / 27P
   64 Kbit serial I짼C bus EEPROM with hardware write control on top quarter of memory
More results

Similar Description - M34D64-RDW6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34D64-W STMICROELECTRONICS-M34D64-W_08 Datasheet
234Kb / 27P
   64 Kbit serial I짼C bus EEPROM with hardware write control on top quarter of memory
M34F04 STMICROELECTRONICS-M34F04 Datasheet
262Kb / 20P
   4Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Half of Memory
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
   64-Kbit I2C Serial EEPROM
09/14/21
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
   4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com