Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF128K32N-090G2UI5A Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF128K32N-090G2UI5A
Description  128KX32 5V FLASH MODULE, SMD 5962-94716
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF128K32N-090G2UI5A Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF128K32N-090G2UI5A Datasheet HTML 1Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 2Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 3Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 4Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 5Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 6Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 7Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 8Page - White Electronic Designs Corporation WF128K32N-090G2UI5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF128K32-XXX5
March 2006
Rev. 8
I/O8
I/O9
I/O10
A14
A16
A11
A0
NC
I/O0
I/O1
I/O2
WE2#
CS2#
GND
I/O11
A10
A9
A15
VCC
CS1#
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
NC
WE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
NC
A13
A8
I/O16
I/O17
I/O18
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
VCC
CS4#
WE4#
I/O27
A4
A5
A6
WE3#
CS3#
GND
I/O19
128KX32 5V FLASH MODULE, SMD 5962-94716
FEATURES
Access Times of 50**, 60, 70, 90, 120, 150ns
Packaging:
66 pin, PGA Type, 1.075 inch square, Hermetic
Ceramic HIP (Package 400)
68 lead, Hermetic CQFP (G2U), 22.4mm
(0.880 inch) square, 3.56mm (0.140 inch) high
(Package 510)
68 lead, Hermetic CQFP (G2L), 22.4mm
(0.880 inch) square, 4.06mm (0.160 inch) high
(Package 528)
Sector Architecture
8 equal size sectors of 16KBytes each
Any combination of sectors can be concurrently
erased. Also supports full chip erase
100,000 Erase/Program Cycles Typical, 0°C to
+70°C
Organized as 128Kx32
FIGURE 1 – PIN CONFIGURATION FOR WF128K32N-XH1X5
Pin Description
Commercial, Industrial and Military Temperature
Ranges
5 Volt Programming. 5V ± 10% Supply
Low Power CMOS, 1mA Standby Typical
Embedded Erase and Program Algorithms
TTL Compatible Inputs and CMOS Outputs
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Page Program Operation and Internal Program
Control Time
Weight
WF128K32-XG2LX5 - 8 grams typical
WF128K32-XG2UX5 - 8 grams typical
WF128K32-XH1X5 - 13 grams typical
Note: For programming information refer to Flash Programming 1M5 Application Note.
* This product is subject to change without notice.
* * The access time of 50ns is available in Industrial and Commercial temperature
ranges only.
Block Diagram
WE1#CS1#CS2#CS3#CS4#
WE4#
WE3#
WE2#
128K x 8
128K x 8
128K x 8
128K x 8
OE#
A0-16
I/O0-7
I/O24-31
I/O16-23
I/O8-15
88
8
8
Top View
I/O0-31
Data Inputs/Outputs
A0-16
Address Inputs
WE1-4#
Write Enables
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected


Similar Part No. - WF128K32N-090G2UI5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CC5 ETC1-WF128K16-120CC5 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CC5A ETC1-WF128K16-120CC5A Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CI5 ETC1-WF128K16-120CI5 Datasheet
189Kb / 11P
   5V FLASH MODULE
WF128K16-120CI5A ETC1-WF128K16-120CI5A Datasheet
189Kb / 11P
   5V FLASH MODULE
More results

Similar Description - WF128K32N-090G2UI5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com