Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3H2256M72AER665D6SG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3H2256M72AER665D6SG
Description  4GB - 2x256Mx72 DDR2 SDRAM RDIMM, w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3H2256M72AER665D6SG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3H2256M72AER665D6SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 9Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 10Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 11Page - White Electronic Designs Corporation WV3H2256M72AER665D6SG Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WV3HG2256M72AER-D6
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
April 2006
Rev. 1
AC TIMING PARAMETERS (Continued)
VCC = +1.8V ± 0.1V
AC Characteristics
806
665
534
403
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
DQS read preamble
tRPST
TBD
TBD
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS write preamble setup time
tWPRES
TBD
TBD
000
ps
DQS write preamble
tWPRE
TBD
TBD
0.35
0.35
0.35
tCK
DQS write postamble
tWPST
TBD
TBD
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Write command to first DQS latching
transition
tDQSS
TBD
TBD
WL-0.25
WL+0.25
WL-0.25
WL+0.25
WL-0.25
WL+0.25
tCK
Address and control input pulse width
for each input
tIPW
TBD
TBD
0.6
0.6
0.6
tCK
Address and control input setup time
tISa
TBD
TBD
200
250
350
ps
Address and control input hold time
tIHa
TBD
TBD
275
375
475
ps
CAS# to CAS# command delay
tCCD
TBD
TBD
222
tCK
Active to Active (same bank) command
tRC
TBD
TBD
54
55
55
ns
Active bank a to Active b bank
command
tRRD
TBD
TBD
7.5
7.5
7.5
ns
Active to Read or Write delay
tRCD
TBD
TBD
15
15
15
ns
Four Bank Activate period
tFAW
TBD
TBD
37.5
37.5
37.5
37.5
37.5
37.5
ns
Active to precharge command
tRAS
TBD
TBD
39
70,000
40
70,000
40
70,000
ns
Internal Read to precharge command
delay
tRTP
TBD
TBD
7.5
7.5
7.5
ns
Write recovery time
tWR
TBD
TBD
15
15
15
ns
Auto precharge write recovery and
precharge time
tDAL
TBD
TBD
tWR+tRP
tWR+tRP
tWR+tRP
ns
Interval Write to Read command delay
tWTR
TBD
TBD
7.5
7.5
10
ns
Precharge command period
tRP
TBD
TBD
15
15
15
ns
Precharge All command period
tRPA
TBD
TBD
tRP+tCK
tRP+tCK
tRP+tCK
ns
Load Mode command cycle time
tMRD
TBD
TBD
222
tCK
CKE low to CK,CK# uncertainty
tDELAY
TBD
TBD
tIS+tCK
+
tIH
tIS+tCK
+
tIH
tIS+tCK
+
tIH
ns
Note:
• AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.
Continued on next page


Similar Part No. - WV3H2256M72AER665D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403AD6EG WEDC-WV3HG128M72AER403AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IEG WEDC-WV3HG128M72AER403AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IMG WEDC-WV3HG128M72AER403AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

Similar Description - WV3H2256M72AER665D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
logo
List of Unclassifed Man...
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT36HTJ51272-P MICRON-MT36HTJ51272-P Datasheet
301Kb / 14P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
List of Unclassifed Man...
SEG02G72B1BH2MT-30[W]R ETC2-SEG02G72B1BH2MT-30[W]R Datasheet
908Kb / 14P
   2GB DDR2 . SDRAM registered So-RDIMM
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com