Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3022SO28B Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # V3022SO28B
Description  Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3022SO28B Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button V3022SO28B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3022SO28B Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
R
V3022
Copyright © 2004, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
Status Words
Table 6
Table 7
Table 8
Address Command Space
This space contains the three commands used for
carrying out the transfers between the Time and Data
Register and / or the Timer Registers and the reserved
clock and timer area.
RAM Map
Address
Parameter
Range
Dec
Hex
Data Space
Status
00
00
status 0
01
01
status 1
02
02
status 2
Special purpose
16
10
digital trimming
0-255
Clock
32
20
1/100 second
00-99
33
21
seconds
00-59
34
22
minutes
00-59
35
23
hours (note 1)
00-23
36
24
date
01-31
37
25
month
01-12
38
26
year
00-99
39
27
week day
01-07
40
28
week number
00-53
Alarm
48
30
1/100 second
00-99
49
31
seconds
00-59
50
32
minutes
00-59
51
33
hours (note 1 & 2)
00-23
52
34
date
01-31
Timer
64
40
1/100 second
00-99
65
41
seconds
00-59
66
42
minutes
00-59
67
43
hours
00-23
Address Command Space
240
F0
clock and timer transfer
241
F1
clock transfer
242
F2
timer transfer
Table 9
Note 1
: The MSB (bit 7) of the hours byte (addr. 23 hex
for the clock and 33 hex for the alarm) are used
as AM/PM indicators in the 12 hour time data
format and reading of the hours byte must be
preceded by masking of the AM/PM bit. A set
AM/PM bit indicates PM. In the 24 hour time
data format the bit will always be zero.
Note 2
: The alarm hours, addr. 33 hex, must always be
rewritten after a change between 12 and 24 hour
modes.
Communication
Data transfer is in 8 bit parallel form. All time data is in
packed BCD format with tens data on lines AD7-4 and
units on lines AD3-0. To access information within the
RAM (see Fig.7) first write the RAM address, then read or
write from or to this location. Fig.8 shows the two steps
needed. The lines AD0-7 will be treated as an address
when pin A /D is low, and as data when A /D is high. Pin
A
/D must not change state during any single read or
write access. One line of the address bus (e.g. A0) can be
used to implement the
A
/D signal (see "Typical
Operating Configuration", Fig.1). Until a new address is
written, data accesses (/D high) will always be to the
same RAM address.


Similar Part No. - V3022SO28B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
V30200C VISHAY-V30200C Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - V3022SO28B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
Advanced Micro Devices
80188 AMD-80188 Datasheet
3Mb / 51P
   High Integration 8-Bit Microprocessor
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008 Datasheet
185Kb / 5P
   VERY HIGH LEVEL DIGITAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com