Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3023SO28A Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # V3023SO28A
Description  Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3023SO28A Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  V3023SO28A Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3023SO28A Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
R
V3023
Copyright © 2004, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Timing Characteristics (standard temperature range)
VDD= 5.0 ±10%, VSS = 0V and TA=-40 to +85°C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Chip select duration, write cycle
tCS
50
ns
Write pulse duration
tWR
50
ns
Time between two transfers
tW
100
ns
RAM access time (note 1)
tACC
CLOAD = 50pF
50
60
ns
Data valid to Hi-impedance (note 2)
tDF
10
30
40
ns
Write data settle time (note 3)
tDW
50
ns
Data hold time (note 4)
tDH
10
ns
Advance write time
tADW
10
ns
PF
response delay
tPF
100
ns
Rise time (all timing waveform
signals)
tR
200
ns
Fall time (all timing waveform
signals)
tF
200
ns
CS
delay after A /D (note 5)
t A /Ds
5
ns
CS
delay to A /D
t A /Dt
10
ns
Table 4
Note 1
: tACC starts from RD ( DS ) or CS , whichever activates last
Typically, tACC = 5 + 0.9 CEXT in ns; where CEXT (external parasitic capacitance) is in pF
Note 2
: tDF starts from RD ( DS ) or CS , whichever deactivates first
Note 3
: tDW ends at WR (R/ W ) or CS , whichever deactivates first
Note 4
: tDH starts from WR (R/ W ) or CS , whichever deactivates first
Note 5
: A /D must come before a CS and RD or a CS and WR combination. The user has to guarantee this.
Timing Waveforms
Read Timing for Intel ( RD and WR Pulse) and Motorola ( DS or RD pin tied to CS and R/ W )
Fig. 6a


Similar Part No. - V3023SO28A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
V30200C VISHAY-V30200C Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - V3023SO28A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
Texas Instruments
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com