Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1803E-60.0000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S1803E-60.0000
Description  Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S1803E-60.0000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S1803E-60.0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers S1803E-60.0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix
Crystal Clock Oscillator
S1800 / S1803 / S1850 Series
Technical Data
3.3 & 5V, HCMOS, TTL, SMD
DS-181
REV F01
(T) = Tape & Reel
full reel increments only
Frequency Range:
Frequency Stability:
±25, ±50, ±100 ppm over all conditions; calibration, tolerance,
operating temperature, input voltage change, load change, aging
(1 Year @ 25°C average ambient temperature), shock and vibration.
1.5440 MHz to 80 MHz
Temperature Range:
Operating:
Storage:
Supply Voltage:
-10 to +70°C or -40 to +85°C
-55 to +125°C
+5.0V ±10%, 3.3V ±10%
Supply Current:
Description
The 5V S1800, S1850 and 3.3V S1803
are crystal-controlled, low-current os-
cillators providing precise rise and fall
times to drive high speed CMOS and
TTL loads. The sub-miniature, very
low profile leadless ceramic packages
have gold-plated contact pads, ideal
for today's pick-and-place SMT envi-
ronments. The S1850 is a high output
load version available to 80 MHz.
ACTUAL SIZE
S1800
25mA max
35mA max
10µA max
S1803
15mA max
18mA max
25mA max
10µA max
S1850
27mA max
35mA max
75mA max
1.544 to 32 MHz:
32+ to 50 MHz:
50+ to 80 MHz:
1.544 to 50 MHz (standby):
1.544 to 80 MHz (standby):
Standby Current:
10µA max on S1800 and S1803 only
Output:
Symmetry:
Rise & Fall Times:
Logic 0:
Logic 1:
Load:
45/55% max @ 50% VDD, 40/60% max @ 1.5V on S1800 & 1850
7ns max (10ns max: S1800) 20% to 80% VDD, 1.544 to 50 MHz
5ns max, 50+ to 80 MHz (S1803 & S1850 only)
10% VDD max
90% VDD min
Applications & Features
Sub-miniature, 1.1 mm high ceramic
package ideal for SMT applications
10µA max standby mode on S1800
and S1803
Available as 3.3V and 5V versions
CMOS, HCMOS & TTL compatible
Perfect for PC's; notebook, palmtop
computers; portable applications;
PCMCIA cards;disc drives. Anywhere
small size, low power, surface
mountability are a priority
Available on tape & reel; 16mm tape,
1000pcs per reel
Solder Reflow Guide
Reflow 240 max
Preheat 183 ±10°C
4°C/sec max
4°C/sec max
1 – 2 minutes
10 sec max
Time
150
200
250
Cooling
S1800/S1803:
S1850:
15 pF max, 10 LSTTL
50 pF max 1.544 to 50 MHz, 10 TTL
30 pF max 50+ to 70 MHz, 10 TTL
20 pF max 70+ to 80 MHz (HCMOS), 10 TTL
Part Numbering Guide
Mechanical:
Shock:
Solderability:
Vibration:
Solvent Resistance:
Terminal Strength:
Resistance to Soldering Heat:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-883, Method 2004, Condition D
MIL-STD-202, Method 210, Condition I or J
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014, Condition C
MIL-STD-883, Method 1014, Condition A2
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Series
S1800 = 5.0V, 1.544 to 50 MHz, 15 pF, standby
S1803 = 3.3V, 1.544 to 80 MHz, 15 pF, standby
S1850 = 5.0V, 1.544 to 80 MHz, 50 pF high drive
S 1803
C – 60.0000 (T)
Saronix
Frequency (MHz)
Stability Tolerance
A = ±25 ppm, -10 to +70°C
B = ±50 ppm, -10 to +70°C
C = ±100 ppm, -10 to +70°C
E = ±50 ppm, -40 to +85°C
F = ±100 ppm, -40 to +85°C
SaRonix 141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894
8ps max RMS period jitter
Jitter:


Similar Part No. - S1803E-60.0000

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
S1800EA HUAXINAN-S1800EA Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
S1800EB HUAXINAN-S1800EB Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
S1800EC HUAXINAN-S1800EC Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
logo
Vishay Siliconix
S180J25SL0N6.J5 VISHAY-S180J25SL0N6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S180J25SL0N6.J5. VISHAY-S180J25SL0N6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S1803E-60.0000

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
   5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
Y32XX CRYSTEKCRYSTAL-Y32XX Datasheet
202Kb / 1P
   Clock Oscillator 9X14 mm SMD, 5V, HCMOS/TTL
logo
Abracon Corporation
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
   3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
   2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
   5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASFL2 ABRACON-ASFL2_08 Datasheet
188Kb / 2P
   2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.07.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com