Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX77105-16P Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CX77105-16P
Description  Power Amplifier Module for CDMA/AMPS (824-849 MHz)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77105-16P Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CX77105-16P Datasheet HTML 1Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 2Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 3Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 4Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 5Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 6Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 7Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 8Page - Skyworks Solutions Inc. CX77105-16P Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CX77105
Electrical Specifications
Power Amplifier Module for CDMA/AMPS (824–849 MHz)
101787A
Skyworks Solutions, Inc. Proprietary
3
December 10, 2002
Table 4. Electrical Specifications for CDMA / AMPS Nominal Operating Conditions(1)
Characteristics
Symbol
Condition
Minimum
Typical
Maximum
Unit
Gain conditions
Digital
Mode
GLOW
GHIGH
VCONT
≥ 2.5 V
PO = 16 dBm
VCONT
≤ 0.5 V
PO = 28 dBm
25.0
28.5
27.0
29.0
28.0
31.0
dB
Analog
Mode
G
P
VCONT
≤ 0.5 V
PO = 31 dBm
27.5
29.0
31.0
Power Added Efficiency
Digital
Mode
PAELOW
PAEHIGH
VCONT
≥ 2.5 V
PO = 16 dBm
VCONT
≤ 0.5 V
PO = 28 dBm
7.6
37.0
8.5
40.0
%
Analog
Mode
PAEa
VCONT
≤ 0.5 V
PO = 31 dBm
48.0
55.0
Total Supply Current
ICC_LOW
ICC_HIGH
PO = 16 dBm
PO = 28 dBm
137
490
153
500
mA
Quiescent Current
IQ_LOW
IQ_HIGH
VCONT
≥ 2.5 V
VCONT
≤ 0.5 V
40
60
55
78
75
105
mA
Reference Current
IREF
——
2.5
5.0
mA
Control Current
ICTRL
VCONT
= 2.5 V
200
235
500
µA
Total Supply current in Power-down
Mode
IPD
VCC = 3.4 V
VREF = 0 V
3.0
5.0
µA
Adjacent Channel
Power(2)(3)
885 kHz
offset
ACP1LOW
ACP1HIGH
VCONT
≥ 2.5 V
PO
≤ 16 dBm
VCONT
≤ 0.5 V
PO
≤ 28 dBm
–49.0
–50.0
–47.3
–47.0
dBc
1.98
MHz
offset
ACP2LOW
ACP2HIGH
VCONT
≥ 2.5 V
PO
≤ 16 dBm
or
VCONT
≤ 0.5 V
PO
≤ 28 dBm
–65.0
–60.0
–59.0
–57.4
Harmonic Suppression
Secon
d
FO2PO
≤ 28 dBm
—–38.0
–35.0
dBc
Third
FO3PO
≤ 28 dBm
—–59.0
–45.0


Similar Part No. - CX77105-16P

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107-14P SKYWORKS-CX77107-14P Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
More results

Similar Description - CX77105-16P

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
   System Smart PA Module for CDMA / AMPS (824-849 MHz)
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
   CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com