Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6635 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6635
Description  Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6635 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6635 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
EM6635
03/03 REV.B
Copyright
 2002, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6635 at a glance
Power Supply
- Low voltage low power architecture
- including internal voltage regulator
- 1.2 to 3.6 V battery voltage
- 1.5µA in active mode (Xtal, 25
°C)
- 0.4 µA in HALT mode (Xtal, 25
°C)
- 32’768Hz Crystal Oscillator
- 500kHz RC oscillator (no external component)
- External clock (metal option)
RAM
- 4 pages of 64 x 4bits, page 0 is direct addressable
ROM
- 4096 x 16bits, metal mask programmable
CPU
- 4-bits RISC architecture
- 2 clock cycles per instruction (CPI=2)
- 72 basic instructions
- operating frequency selectable by SW
Main Operating Modes and Resets
- Active mode, CPU is running
- Halt mode, CPU in halt, peripheral are running
- Initial reset on power on (POR)
- Watchdog reset (logic)
- Reset terminal with Schmitt Trigger
- Reset with input combination on Port P1 & Port P2
(register selectable)
Prescaler
- 15 stage system clock divider from 32kHz down to 1Hz
- 4 Interrupt requests; 128Hz, 64Hz, 32Hz and 1Hz or
64Hz, 16Hz, 8Hz and 1Hz
- Prescaler state readable to CPU from 128Hz to 16Hz
and from 8Hz to 1Hz
- Prescaler reset (32Hz to 1Hz)
8bit Serial Interface at Port 5
- 4 wire (serial clock In/Out, serial output, serial status
In/Out (RDY), serial input)
- Master mode: 32kHz, 16kHz or 4kHz serial clock
- Slave mode: external clock from P33
- Selectable word length: 8 - 7 - 6 - 5 bit
- Selectable synchronized or direct output
- Selectable positive or negative active clock edge by
direct or inverted serial clock SCK
- Special ready output mode when port is in master mode
- RDY can be set by SW
Frequency Generator with 255 output frequencies
- 8bit programmable frequency divider
- 50% duty cycle output signal
- Clock frequency is 65536Hz (doubled 32768Hz)
- SW activated
Watchdog Timer
- Creates watchdog reset after time-out
- Can be disabled by SW and mask option
Interrupt Controller
- 12 internal, 6 external interrupt request sources
- Individually maskable, individually resettable
- Global interrupts disable,with auto-enable at HALT mode
Voltage Level Detector (SVLD)
- 3 software selectable levels
- Busy flag during measure
- Active only on request during measurement to reduce
power consumption
Timer 1
- 8bits timer with 3 modes: Zero Stop, Synchron Mode
and Auto Reload Mode
- Timer clock selectable 4kHz-2kHz-1kHz-512Hz by SW
- Zero Stop: Timer starts counting down when loaded from
CPU with data (> 0). When at zero, an interrupt is
generated.
- Synchron Mode: After loading by CPU, timer starts
synchronized by the positive edge of the prescaler 64Hz
signal. An interrupt is generated when timer reaches
zero. During timer count down, Port P3 and P4 are
outputting their data, otherwise P3 and P4 are at high
level (acc. to selected port configuration).
- Auto Reload Mode: (see text at Timer 2)
Timer 2
- 8bits timer with 2 modes: Zero Stop and Auto Reload
- Zero Stop as timer1
- Auto Reload mode: Timer starts when a non-zero data is
loaded by CPU and counts down to zero. Then the
loaded data (internally stored) is automatically reload to
the timer counter and the sequence starts again. Each
time when zero is reached, an interrupt is generated.
- Timer clock selectable 256Hz-64Hz-16Hz-4Hz by SW
CHRONO 2x4bits BCD counters
- Start, stop, reset by SW
- 1/100th second resolution
- CARRY flag can be read by SW when the counter
changes from 99 to 0
Event Counter 3bits
- Associated to input port P10, P11; readable to CPU
- Counter counts up to 7 and stays there
- Counter reset by CPU-write
Buzzer Output
- Piezo driver via external NPN transistor
- Activated together with frequency generator
Input Ports P1, P2
- Direct or debounced input read selectable by SW for
each port
- Clocked pulldown or no pulldown by mask option
- P1: Edge detector at P10, P11 (both edges) to generate
pulse for event counter
- Interrupt by P12: both edges, by P13: both edges
- Interrupt by positive edge (debounced) of any P2 input
- Reset by debounced input combination: P13, P22, P23 =
high, enabled by SW
Input / Output Ports P3, P4, P5, P6, P7
- High current drive capability at P3, P4 and P72
- P3, P4: Common direction select P30-P32, P40-P42;
P33 and P43 are individually selectable
- P5: individual direction select, debouncer when input
- As input: direct read of terminal data, as output: register
data
- P3,P4,P72: selectable 9,8,7,6,5,4 or 3 high drive output
in combination with special synchron mode of timer 1
- P5: pull down / pull up according to mask option
- P6: As input: Direct or debounced input read selectable by
SW
- Interrupt by positive edge (debounced) of any P6 input
- Common direction select P60-P61, P62-P63
- P70, P71: As input: Direct or debounced input read
selectable by SW for each port
- Interrupt by positive edge (debounced) of P70, P71 input
- Common direction select P70, P71


Similar Part No. - EM6635

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP11 EMMICRO-EM6603WP11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP27 EMMICRO-EM6603WP27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS11 EMMICRO-EM6603WS11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS27 EMMICRO-EM6603WS27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6635

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6640 EMMICRO-EM6640 Datasheet
610Kb / 62P
   Low Power Microcontroller with EEPROM AND RC Oscillator
logo
Infineon Technologies A...
IKD04N60RF INFINEON-IKD04N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
logo
EM Microelectronic - MA...
EM6607 EMMICRO-EM6607 Datasheet
801Kb / 47P
   Ultra-low power microcontroller with 4 high drive outputs
EM6605 EMMICRO-EM6605 Datasheet
662Kb / 43P
   Low Power Microcontroller with 300kHz RC Oscillator
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
STMicroelectronics
STEVAL-IAS003V1 STMICROELECTRONICS-STEVAL-IAS003V1 Datasheet
92Kb / 4P
   Counter with STM8L101xx low-power microcontroller and LCD
logo
TRIAD MAGNETICS
RC-9 TRIAD-RC-9 Datasheet
50Kb / 1P
   RC-9
logo
Motorola, Inc
MC68HC05D9 MOTOROLA-MC68HC05D9 Datasheet
328Kb / 8P
   8-bit microcomputer with PWM outputs and LED drive
logo
STMicroelectronics
BFX73-2N918 STMICROELECTRONICS-BFX73-2N918 Datasheet
115Kb / 5P
   HIGH-FREQUENCY OSCILLATORS AND AMPLIFIERS
logo
Power Integrations, Inc...
INT100 POWERINT-INT100 Datasheet
94Kb / 12P
   Low-Side and High-side Drive with Simultaneous Conduction Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com