Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF512K32N-70H1C5A Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF512K32N-70H1C5A
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF512K32N-70H1C5A Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF512K32N-70H1C5A Datasheet HTML 1Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 2Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 3Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 4Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 5Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 6Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 7Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 8Page - White Electronic Designs Corporation WF512K32N-70H1C5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF512K32-XXX5
March 2006
Rev. 11
I/O8
I/O9
I/O10
A14
A16
A11
A0
A18
I/O0
I/O1
I/O2
WE2#
CS2#
GND
I/O11
A10
A9
A15
VCC
CS1#
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
A17
WE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
NC
A13
A8
I/O16
I/O17
I/O18
VCC
CS4#
WE4#
I/O27
A4
A5
A6
WE3#
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
FEATURES
Access Times of 60, 70, 90, 120, 150ns
Packaging
66 pin, PGA Type, 1.075" square, Hermetic
Ceramic HIP (Package 400(1)).
68 lead, 40mm, Low Capacitance Hermetic
CQFP (Package 501)1
68 lead, 40mm, Low Profile 3.5mm (0.140"),
CQFP (Package 502)1
68 lead, 22.4mm (0.880") Low Profile CQFP
(G2U) 3.5mm (0.140") high, (Package 510)1
68 lead, 22.4mm (0.880") CQFP (G2L) 5.08mm
(0.200") high, Package (528)
1,000,000 Erase/Program Cycles Minimum
Sector Architecture
8 equal size sectors of 64KBytes each
Any combination of sectors can be concurrently
erased. Also supports full chip erase
Organized as 512Kx32
Pin Description
Block Diagram
FIGURE 1 – PIN CONFIGURATION FOR WF512K32N-XH1X5
512Kx32 5V FLASH MODULE, SMD 5962-94612
Top View
WE1#CS1#CS2#CS3#CS4#
WE4#
WE3#
WE2#
512K x 8
512K x 8
512K x 8
512K x 8
OE#
A0-18
I/O0-7
I/O24-31
I/O16-23
I/O8-15
88
8
8
Commercial, Industrial and Military Temperature
Ranges
5 Volt Programming. 5V ± 10% Supply.
Low Power CMOS, 6.5mA Standby
Embedded Erase and Program Algorithms
TTL Compatible Inputs and CMOS Outputs
Built-in Decoupling Caps for Low Noise Operation
Page Program Operation and Internal Program
Control Time
Weight
WF512K32 - XG2UX5 - 8 grams typical
WF512K32N - XH1X5 - 13 grams typical
WF512K32 - XG4TX51 - 20 grams typical
WF512K32-XG2LX5 - 8 grams typical
* This product is subject to change without notice.
Note 1: Package Not Recommended for New Design
See Flash Programming Application Note 4M5 for algorithms.
I/O0-31
Data Inputs/Outputs
A0-18
Address Inputs
WE1-4#
Write Enables
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected


Similar Part No. - WF512K32N-70H1C5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32N-70H1C5A ETC1-WF512K32N-70H1C5A Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32N-70H1C5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com