Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6300GSP5B Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # V6300GSP5B
Description  Ultra Low Power 3-Pin Power-On Reset IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6300GSP5B Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  V6300GSP5B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6300GSP5B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6300GSP5B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6300GSP5B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6300GSP5B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6300GSP5B Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
V6300
V6301
Copyright © 2006, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Ordering Information
Part Number:
V6300
SP5B +
Part Root
RoHS
V6300: tPOR = 50 ms (typ)
+ = lead-free & green mold
V6301: tPOR = 290 ms (typ)
[blank] = leaded
Threshold Voltage and Output Type
Package and Delivery Form
2.0V 2.4V 2.8V 3.5V 4.0V 4.5V
SP5B = SOT23-5, Tape & Reel, 3000 pcs
Push-pull, Reset active low
A
B
C
D
E
F
TO3E = TO92, Ammopack (not for new design)
Push-pull, Reset active high
G
H
I
J
K
L
Open drain, Reset active low
M
N
O
P
Q
R
Table 7
F
Subject to minimum order quantity and availability. Please contact EM Microelectronic for availability.
When ordering, please specify the complete Part Number without space between letters: eg. V6300FSP5B, V6301RSP5B, etc.
Package Marking for SOT23-5L
Part Number
Top Marking
3) Top Marking 1)
with 4
Characters
Top Marking
2)
with 3
Characters
V6300ASP5B
ABAA
BA#
V6300ASP5B+
E0##
BBAA
V6300BSP5B
ABAB
BB#
V6300CSP5B
PB##
ABAC
BC#
V6300CSP5B+
E7##
BBAC
V6300DSP5B
ABAD
BD#
V6300ESP5B
PA##
ABAE
BE#
V6300ESP5B+
E4##
BBAE
V6300FSP5B
P8##
ABAF
BF#
V6300FSP5B+
E2##
BBAF
V6300GSP5B
ABAG
BG#
V6300HSP5B
ABAH
BH#
V6300ISP5B
ABAI
BI#
V6300JSP5B
ABAJ
BJ#
V6300KSP5B
ABAK
BK#
V6300LSP5B
ABAL
BL#
V6300LSP5B+
EM#
BBAL
V6300MSP5B
ABAM
BM#
V6300NSP5B
ABAN
BN#
V6300OSP5B
ABAO
BO#
V6300OSP5B+
EE##
BBAL
V6300PSP5B
ABAP
BP#
V6300QSP5B
ABAQ
BQ#
V6300OSP5B
ABAR
BR#
V6300RSP5B+
EH##
BBAR
Part Number
Top Marking
3 Top Marking 1)
with 4
characters
Top Marking
2)
with 3
characters
V6301ASP5B
ACAA
CA#
V6301ASP5B+
EN##
BCAA
V6301BSP5B
ACAB
CB#
V6301CSP5B
ACAC
CC#
V6301DSP5B
ACAD
CD#
V6301ESP5B
ACAE
CE#
V6301FSP5B
ACAF
CF#
V6301FSP5B+
EP##
BCAF
V6301GSP5B
ACAG
CG#
V6301HSP5B
ACAH
CH#
V6301ISP5B
ACAI
CI#
V6301JSP5B
ACAJ
CJ#
V6301KSP5B
ACAK
CK#
V6301LSP5B
ACAL
CL#
V6301MSP5B
ACAM
CM#
V6301NSP5B
ACAN
CN#
V6301OSP5B
ACAO
CO#
V6301OSP5B+
EL##
BCAO
V6301PSP5B
ACAP
CP#
V6301QSP5B
ACAQ
CQ#
V6301RSP5B
ACAR
CR#
Table 9
1)
Top marking with 4 characters is standard from 2003. For lead-free/green mold (RoHS) parts, the first letter of top marking
with 4 characters begins with letter “B” instead of letter “A”. Bottom marking indicates the lot number.
2)
Top marking with 3 characters is kept as information since it was used until 2002.
Where # refers to the lot number (EM internal reference only)
3)
Top marking is the standard from 2006. No bottom marking exists. Where ## refers to the lot number (EM internal reference
only)
Traceability for small packages
Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide only
partial information for lot traceability. Full information for complete traceability is however provided on the packing labels of the
product at delivery from EM: It is highly recommended that the customer insures full lot traceability of EM product in his final
product.


Similar Part No. - V6300GSP5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6301 ETC-V6301 Datasheet
275Kb / 4P
   Ultra Low Power 3-Pin Voltage Surveillance with Time-out
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6309LSP3B EMMICRO-V6309LSP3B Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6309LSP3B++ EMMICRO-V6309LSP3B+ Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6309MSP3B EMMICRO-V6309MSP3B Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
More results

Similar Description - V6300GSP5B

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com