Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6640WP27 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6640WP27
Description  Low Power Microcontroller with EEPROM AND RC Oscillator
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6640WP27 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6640WP27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6640WP27 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
EM6640
03/02 REV. C/446
Copyright
 2002, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
4.4 Sleep Counter Reset (SCR)
The Sleep Counter Reset, active only in SLEEP mode, will automatically trigger a reset which cancels Sleep Mode
after a programmable time defined by writing bit RstSlpTSel[2:0] in option register OptSlpCntRst. The
EnSlpCntRst bit in option register OptSlpCntRst set to "1" will enable the SCR as soon as the SLEEP bit in
RegSysCntl1 is written active. In this case, all the sleep considerations (low consumption) are taken into account
(refer to chapter SLEEP Mode, page 5 for more details). When the SCR generates a reset, the CPU reset is
removed after the ‘CPU Reset Delay’.
The typical time constant of SCR is defined in the section EM6640 Electrical specifications, on page 55.
=> The minimum programmable time is 1x the time constant.
=> The maximum programmable time is 128x the time constant.
Figure 9 Sleep Counter Reset representation with SCR timing=2x as an example.
Sy sC lk
S leep
SCR
CPU re se t
S C R tim ing = 2x
CP U Rst De la y
ac tiv e m ode
activ e m ode
S leep m ode
Table 10 register OptSlpCntRst
Bit
Name
Reset
R/W
Description
3
EnSlpCntRst
0
R/W
enable SCR
2
RstSlpTSel[2]
0
R/W
timing selection
1
RstSlpTSel[1]
0
R/W
timing selection
0
RstSlpTSel[0]
0
R/W
timing selection
Table 11 Sleep Counter Reset timing
RstSlpTSel[2]
RstSlpTSel[1]
RstSlpTSel[0]
SCR timing
00
0
1x
00
1
2x
01
0
4x
01
1
8x
1
0
0
16x
1
0
1
32x
1
1
0
64x
1
1
1
128x


Similar Part No. - EM6640WP27

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6640FP32BT-12LL EMLSI-EM6640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-12S EMLSI-EM6640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-55LL EMLSI-EM6640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-55S EMLSI-EM6640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BW-12LL EMLSI-EM6640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6640WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6605 EMMICRO-EM6605 Datasheet
662Kb / 43P
   Low Power Microcontroller with 300kHz RC Oscillator
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
EM6635 EMMICRO-EM6635 Datasheet
793Kb / 39P
   Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
   MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
logo
ATMEL Corporation
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
logo
ATMEL Corporation
ATMEGA256RFR2 ATMEL-ATMEGA256RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com