Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6680WS27 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6680WS27
Description  Ultra Low Power 8-pin Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6680WS27 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6680WS27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6680WS27 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
R
EM6680
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
4.2 Input Port A Reset
By writing the PA[3/4]ResIn in RegFreqRst registers the PA[3] or PA[4] input becomes dedicated for external
reset. This bit is cleared by POR only. Which input is selected is set by IrqPA[3l/4h] bit from RegPACntl2
register which is described in Chapter
89H89H
6.
Bit InResAH in the RegFreqRst register selects the PA[3/4] reset function in Active and standby (Halt) mode. If
set to ‘0’ the PA[3/4] reset is inhibited. If Set to ‘1’ than PA[3/4] input goes through a debouncer and needs to
respect timing associated with the debounce clock selection made by DebSel bit in RegPresc register.
This InResetAH bit has no action in sleep mode, where a Hi pulse on PA[3/4] always immediately triggers a
system reset (only small analogue debouncer is attached to filter 1 or 2
μs spikes).
Overview of control bits and possible reset from PA[3] or PA[4] is specified in table 4.2.1 below.
Table 4.2.1 Possible Reset from PA[3] or PA[4]
PA[3/4]ResIn InResAH
ACTIVE or STAND-BY mode
SLEEP mode
0
X
NO reset from PA[3] or PA[4]
NO reset from PA[3] or PA[4]
1
0
NO reset from PA[3] or PA[4]
Reset with small analog filter
1
1
Debounce reset with debck of
* Ck[14]/ Ck[11]/ Ck[8] needing
0.25 ms / 2 ms / 16ms Hi pulse typ.
Reset with small analog filter
* Ck[14]/ Ck[11]/ Ck[8] are explained in chapter
90H90H
5.2 Prescaler.
4.3 Digital Watchdog Timer Reset
The Digital Watchdog is a simple, non-programmable, 2-bit timer, that counts on each rising edge of Ck[1]. It
will generate a system reset if it is not periodically cleared. The watchdog timer function can be inhibited by
activating an inhibit digital watchdog bit (NoWDtim) located in RegVLDCntl. At power up, and after any
system reset, the watchdog timer is activated.
If for any reason the CPU stops or stays in a loop where watchdog timer is not periodically cleared, it
activates the system reset signal. This function can be used to detect program overrun, endless loops, etc.
For normal operation, the watchdog timer must be reset periodically by software at least every 2.5 seconds
(system clock = 32 KHz), or a system reset signal is generated.
The watchdog timer is reset by writing a ‘1’ to the WDReset bit in the timer. This resets the timer to zero and
timer operation restarts immediately. When a ‘0’ is written to WDReset there is no effect. The watchdog
timer also operates in standby mode and thus, to avoid a system reset, standby should not be active for
more than 2.5 seconds.
From a System Reset state, the watchdog timer will become active after 3.5 seconds. However, if the
watchdog timer is influenced from other sources (i.e. prescaler reset), then it could become active after just
2.5 seconds. It is therefore recommended to use the Prescaler IRQHz1 interrupt to periodically reset the
watchdog every second.
It is possible to read the current status of the watchdog timer in RegSysCntl2. After watchdog reset, the
counting sequence is (on each rising edge of CK[1]) : ‘00’, ‘01’, ‘10’, ‘11’, {WDVal1 WDVal0}). When
reaching the ‘11’ state, the watchdog reset will be active within ½ second. The watchdog reset activates the
system reset which in turn resets the watchdog. If the watchdog is inhibited it’s timer is reset and therefore
always reads ‘0’.
Table 4.3.1 Watchdog timer register RegSysCntl2
Bit
Name
Reset
R/W
Description
3
WDReset
0
W
Reset the Watchdog (The Read value is always '0')
1
Resets the Logic Watchdog
0
no action
2
SleepEn
0
R/W
See Operating modes (sleep)
1
WDVal1
0
R
Watchdog timer data 1/4 ck[1]
0
WDVal0
0
R
Watchdog timer data 1/2 ck[1]
3
PORstatus
1 P*
R
Power-On-Reset status
1 P* POR sets the PORstatus bit which is cleared by writing register RegSysCntl1


Similar Part No. - EM6680WS27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM6681 ETC1-EM6681 Datasheet
117Kb / 2P
   EM6681
logo
EM Microelectronic - MA...
EM6682 EMMICRO-EM6682 Datasheet
1Mb / 61P
   Ultra Low Power 8-pin Microcontroller
EM6682 EMMICRO-EM6682 Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
EM6682SO14A EMMICRO-EM6682SO14A Datasheet
1Mb / 61P
   Ultra Low Power 8-pin Microcontroller
EM6682SO14A EMMICRO-EM6682SO14A Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
More results

Similar Description - EM6680WS27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6682 EMMICRO-EM6682_10 Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
EM6682 EMMICRO-EM6682 Datasheet
1Mb / 61P
   Ultra Low Power 8-pin Microcontroller
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
EM6812 EMMICRO-EM6812 Datasheet
1Mb / 81P
   Ultra Low Power 8-bit FLASH Microcontroller
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
   Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
   Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
   Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com