Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K222BL Datasheet(PDF) 10 Page - TDK Electronics

Part # 73K222BL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K222BL Datasheet(HTML) 10 Page - TDK Electronics

Back Button 73K222BL Datasheet HTML 6Page - TDK Electronics 73K222BL Datasheet HTML 7Page - TDK Electronics 73K222BL Datasheet HTML 8Page - TDK Electronics 73K222BL Datasheet HTML 9Page - TDK Electronics 73K222BL Datasheet HTML 10Page - TDK Electronics 73K222BL Datasheet HTML 11Page - TDK Electronics 73K222BL Datasheet HTML 12Page - TDK Electronics 73K222BL Datasheet HTML 13Page - TDK Electronics 73K222BL Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
10
CONTROL REGISTER 0 (continued)
D7
D6
D5
D4
D3
D2
D1
D0
CR0
000
MODUL.
OPTION
0
TRANSMIT
MODE 3
TRANSMIT
MODE 2
TRANSMIT
MODE 1
TRANSMIT
MODE 0
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
BIT NO.
NAME
CONDITION
DESCRIPTION
D7
D5
D4
Selects:
0
0
X
DPSK mode at 1200 bit/s.
1
0
X
DPSK mode at 600 bit/s.
0
1
1
FSK Bell 103 mode.
1
1
1
FSK CCITT V.21 mode.
D7
Modulation
Option
X = Don’t care
CONTROL REGISTER 1
D7
D6
D5
D4
D3
D2
D1
D0
CR1
001
TRANSMIT
PATTERN
1
TRANSMIT
PATTERN
0
ENABLE
DETECT
INTER.
BYPASS
SCRAMB
CLK
CONTROL
RESET
TEST
MODE
1
TEST
MODE
0
BIT NO.
NAME
CONDITION
DESCRIPTION
D1
D0
00
Selects normal operating mode
0
1
Analog loopback mode. Loops the transmitted analog
signal back to the receiver, and causes the receiver to
use the same center frequency as the transmitter. To
squelch the TXA pin, transmit enable must be forced
low.
10
Selects remote digital loopback. Received data is
looped back to transmit data internally, and RXD is
forced to a mark. Data on TXD is ignored.
D1, D0
Test Mode
11
Selects local digital loopback. Internally loops TXD
back to RXD and continues to transmit carrier from
TXA pin.
0
Selects normal operation.
D2
Reset
1
Resets
modem
to
power-down
state.
All
control register bits (CR0, CR1, TONE) are reset to
zero. The output of the CLK pin will be set to the
crystal frequency. This bit clears itself.
0
Selects 11.0592 MHz crystal echo output at CLK pin.
D3
CLK Control
(Clock Control)
1
Selects 16 times the data rate, output at CLK pin in
DPSK modes only.


Similar Part No. - 73K222BL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K222BL-IH/F TERIDIAN-73K222BL-IH/F Datasheet
173Kb / 26P
   Single-Chip Modem
73K222BL-IHR/F TERIDIAN-73K222BL-IHR/F Datasheet
173Kb / 26P
   Single-Chip Modem
More results

Similar Description - 73K222BL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com