Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K222AL Datasheet(PDF) 7 Page - TDK Electronics

Part # 73K222AL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K222AL Datasheet(HTML) 7 Page - TDK Electronics

Back Button 73K222AL Datasheet HTML 3Page - TDK Electronics 73K222AL Datasheet HTML 4Page - TDK Electronics 73K222AL Datasheet HTML 5Page - TDK Electronics 73K222AL Datasheet HTML 6Page - TDK Electronics 73K222AL Datasheet HTML 7Page - TDK Electronics 73K222AL Datasheet HTML 8Page - TDK Electronics 73K222AL Datasheet HTML 9Page - TDK Electronics 73K222AL Datasheet HTML 10Page - TDK Electronics 73K222AL Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
7
DTE USER
NAME
PIN
TYPE
DESCRIPTION
EXCLK
22
I
External Clock. This signal is used in synchronous transmission when the
external timing option has been selected. In the external timing mode the
rising edge of EXCLK is used to strobe synchronous DPSK transmit data
applied to on the TXD pin. Also used for serial control interface.
RXCLK
26
O
Receive Clock. The falling edge of this clock output is coincident with the
transitions in the serial received data output. The rising edge of RXCLK
can be used to latch the valid output data. RXCLK will be valid as long as
a carrier is present.
RXD
25
O/
Weak
Pull-up
Received Data Output. Serial receive data is available on this pin. The
data is always valid on the rising edge of RXCLK when in synchronous
mode. RXD will output constant marks if no carrier is detected.
TXCLK
21
O
Transmit Clock. This signal is used in synchronous transmission to latch
serial input data on the TXD pin. Data must be provided so that valid data
is available on the rising edge of the TXCLK. The transmit clock is derived
from different sources depending upon the synchronization mode
selection. In internal mode the clock is generated internally. In external
mode TXCLK is phase locked to the EXCLK pin. In slave mode TXCLK is
phase locked to the RXCLK pin. TXCLK is always active.
TXD
24
I
Transmit Data Input. Serial data for transmission is applied on this pin.
In synchronous modes, the data must be valid on the rising edge of the
TXCLK clock. In asynchronous modes (1200/600 bit/s or 300 baud) no
clocking is necessary. DPSK data must be 1200/600 bit/s +1%, -2.5%
or +2.3%, -2.5 % in extended over speed mode.
ANALOG INTERFACE AND OSCILLATOR
NAME
PIN
TYPE
DESCRIPTION
RXA
32
I
Received modulated analog signal input from the telephone line
interface.
TXA1
TXA2
18
17
O
Transmit analog output to the telephone line interface.
XTL1
XTL2
3
4
I
I
These pins are for the internal crystal oscillator requiring a 11.0592
MHz parallel mode crystal. Load capacitors should be connected from
XTL1 and XTL2 to ground. XTL2 can also be driven from an external
clock.
OH
27
O
Off-hook relay driver. This signal is an open drain output capable of
sinking 40 mA and is used for controlling a relay. The output is the
complement of the OH register bit in the ID Register.


Similar Part No. - 73K222AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
logo
TDK Electronics
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL-IH/F TERIDIAN-73K222AL-IH/F Datasheet
277Kb / 27P
   Single-Chip Modem
More results

Similar Description - 73K222AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com