Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT161DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT161DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT161DB Datasheet HTML 4Page - NXP Semiconductors 74HCT161DB Datasheet HTML 5Page - NXP Semiconductors 74HCT161DB Datasheet HTML 6Page - NXP Semiconductors 74HCT161DB Datasheet HTML 7Page - NXP Semiconductors 74HCT161DB Datasheet HTML 8Page - NXP Semiconductors 74HCT161DB Datasheet HTML 9Page - NXP Semiconductors 74HCT161DB Datasheet HTML 10Page - NXP Semiconductors 74HCT161DB Datasheet HTML 11Page - NXP Semiconductors 74HCT161DB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
December 1990
9
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
MR
0.95
CP
1.10
CEP
0.25
Dn
0.25
CET
0.75
PE
0.30
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
23
43
54
65
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
CP to TC
28
48
60
72
ns
4.5
Fig.8
tPHL
propagation delay
MR to Qn
29
46
58
69
ns
4.5
Fig.9
tPHL
propagation delay
MR to TC
30
51
64
77
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CET to TC
17
35
44
53
ns
4.5
Fig.10
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 8 and 10
tW
clock pulse width
HIGH or LOW
16
7
20
24
ns
4.5
Fig.8
tW
master reset pulse
width; LOW
20
10
25
30
ns
4.5
Fig.9
trem
removal time
MR to CP
20
6
25
30
ns
4.5
Fig.9


Similar Part No. - 74HCT161DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT160 PHILIPS-74HCT160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160D PHILIPS-74HCT160D Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160DB PHILIPS-74HCT160DB Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160N PHILIPS-74HCT160N Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160PW PHILIPS-74HCT160PW Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
More results

Similar Description - 74HCT161DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com