Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C256B-10PU-1.8 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C256B-10PU-1.8
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256B-10PU-1.8 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C256B-10PU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C256B-10PU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
AT24C256B
5080A–SEEPR–9/04
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive-edge clock data into each
EEPROM device and negative-edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open-collector
devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1, and A0 pins are device address
inputs that are hardwired (directly to GND or to Vcc) for compatibility with other AT24Cxx
devices. When the pins are hardwired, as many as eight 256K devices may be addressed on
a single bus system. (Device addressing is discussed in detail under “Device Addressing,”
page 8.) A device is selected when a corresponding hardware and software match is true. If
these pins are left floating, the A2, A1, and A0 pins will be internally pulled down to GND. How-
ever, due to capacitive coupling that may appear during customer applications, Atmel
recommends always connecting the address pins to a known state. When using a pull-up
resistor, Atmel recommends using 10k
Ω or less.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write
operations. When WP is connected directly to Vcc, all write operations to the memory are
inhibited. If the pin is left floating, the WP pin will be internally pulled down to GND. However,
due to capacitive coupling that may appear during customer applications, Atmel recommends
always connecting the WP pins to a known state. When using a pull-up resistor, Atmel recom-
mends using 10k
Ω or less.
Memory
Organization
AT24C256B, 256K SERIAL EEPROM: The 256K is internally organized as 512 pages of 64
bytes each. Random word addressing requires a 15-bit data word address.


Similar Part No. - AT24C256B-10PU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B-PU ATMEL-AT24C256B-PU Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B-PU ATMEL-AT24C256B-PU Datasheet
726Kb / 24P
   Two-wire Serial EEPROM
AT24C256B-TH-B ATMEL-AT24C256B-TH-B Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B-TH-B ATMEL-AT24C256B-TH-B Datasheet
726Kb / 24P
   Two-wire Serial EEPROM
AT24C256B-TH-T ATMEL-AT24C256B-TH-T Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results

Similar Description - AT24C256B-10PU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com