Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620HCT Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY57V281620HCT
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620HCT Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY57V281620HCT Datasheet HTML 5Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 6Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 7Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 8Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 9Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 10Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 11Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 12Page - Hynix Semiconductor HY57V281620HCT Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HY57V281620HC(L)T
Rev. 0.2/Aug. 01
11
VDD Clamp @ CLK, CKE, CS, DQM & DQ
Minimum V DD clamp current
VDD (V)
I(mA)
0.0
0.0
0.2
0.0
0.4
0.0
0.6
0.0
0.7
0.0
0.8
0.0
0.9
0.0
1.0
0.23
1.2
1.34
1.4
3.02
1.6
5.06
1.8
7.35
2.0
9.83
2.2
12.48
2.4
15.30
2.6
18.31
VSS Clamp @ CLK, CKE, CS, DQM & DQ
V SS (V)
I (mA)
-2.6
-57.23
-2.4
-45.77
-2.2
-38.26
-2.0
-31.22
-1.8
-24.58
-1.6
-18.37
-1.4
-12.56
-1.2
-7.57
-1.0
-3.37
-0.9
-1.75
-0.8
-0.58
-0.7
-0.05
-0.6
0.0
-0.4
0.0
-0.2
0.0
0.0
0.0
0
5
10
15
20
0
1
2
3
Voltage
I (mA)
(Referenced to VDD)
-60
-50
-40
-30
-20
-10
0
-3
-2.5
-2
-1.5
-1
-0.5
0
Voltage
I (mA)
Minimum VSS clamp current


Similar Part No. - HY57V281620HCT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-7I HYNIX-HY57V281620HCT-7I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-8I HYNIX-HY57V281620HCT-8I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-HI HYNIX-HY57V281620HCT-HI Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-KI HYNIX-HY57V281620HCT-KI Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620HCT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com