Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2027 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2027
Description  IF Digitally Controlled Variable-Gain Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2027 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2027 Datasheet HTML 2Page - Maxim Integrated Products MAX2027 Datasheet HTML 3Page - Maxim Integrated Products MAX2027 Datasheet HTML 4Page - Maxim Integrated Products MAX2027 Datasheet HTML 5Page - Maxim Integrated Products MAX2027 Datasheet HTML 6Page - Maxim Integrated Products MAX2027 Datasheet HTML 7Page - Maxim Integrated Products MAX2027 Datasheet HTML 8Page - Maxim Integrated Products MAX2027 Datasheet HTML 9Page - Maxim Integrated Products MAX2027 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IF Digitally Controlled Variable-Gain Amplifier
_______________________________________________________________________________________
7
Detailed Description
The MAX2027 is a high-performance, digitally con-
trolled variable-gain amplifier for use in applications
from 50MHz to 400MHz.
The MAX2027 incorporates a digital attenuator with a
23dB selectable attenuation range followed by a fixed-
gain, high-linearity amplifier. The attenuator is digitally
controlled through five logic lines: B0–B4. This on-chip
attenuator provides up to 23dB of attenuation with
±0.05dB state-to-state accuracy. The fixed-gain amplifi-
er utilizes negative feedback to achieve high stability,
gain, linearity, and wide bandwidth.
Applications Information
Input and Output Matching
The MAX2027 incorporates on-chip input and output
matching for operation below 250MHz. Use a DC-block-
ing capacitor value of 1000pF for pins 3, 12, and 18 (see
Figure 1). For operation above 250MHz, external match-
ing improves performance. Table 1 and Table 2 provide
recommended components for device operation.
Digitally Controlled Attenuator
The digital attenuator is controlled through five logic
lines: B0, B1, B2, B3, and B4. Table 3 lists the attenua-
tion settings. The input and output of this attenuator
require external DC-blocking capacitors. This attenua-
tor insertion loss is 2dB when the attenuator is set to
0dB (B0 = B1 = B2 = B3 = B4 = 0).
Pin Description
PIN
NAME
FUNCTION
1, 2, 11
VCC
Power Supply. Bypass to GND with capacitors as close to the pin as possible as shown in the typical
application circuit (Figure 1).
3
RF_IN
Signal Input. See the typical application circuit for recommended component values. Requires an
external DC-blocking capacitor.
4, 5, 16, 17,
19, 20, EP
GND
Ground. Use low-inductance layout techniques on PC board. Solder the exposed pad evenly to the
board ground plane.
6–10
B4–B0
Gain-Control Bits. See Table 3 for gain setting.
12
RF_OUT
Signal Output. Requires an external pullup choke inductor (52mA typical current) to VCC along with a
DC-blocking capacitor (Figure 1).
13
ISET
Connect an 825
Ω resistor from ISET to GND.
14
IBIAS
Amplifier Bias. Connect to AMPIN (pin 15) through a choke inductor (0.3mA typ).
15
AMPIN
Amplifier Input. Requires a DC-coupling capacitor to allow biasing.
18
ATTNOUT
Attenuator Output. Requires an external DC-blocking capacitor.
COMPONENT
VALUE
SIZE
C1, C3, C4
1000pF
0603
C2, C5
100pF
0603
C6, C7
0.1µF
0603
C10
0.047µF
0603
R1
825
Ω ±1%
0603
R2–R6
47k
0603
L1
330nH
0805
L2
680nH
1008
Table 1. Suggested Components of
Typical Application Circuit
FREQUENCY
COMPONENT
VALUE
SIZE
L3, L4
11nH
0603
300MHz
C8, C9
6.8pF
0603
L3, L4
8.7nH
0603
400MHz
C8, C9
5pF
0603
Table 2. Suggested Matching
Components


Similar Part No. - MAX2027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 2/04
MAX2027EVKIT MAXIM-MAX2027EVKIT Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 2/04
MAX2027 MAXIM-MAX2027_1 Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 2/04
More results

Similar Description - MAX2027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
Texas Instruments
LMH6518 TI1-LMH6518_14 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com