Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8S6415ETB-DC7C Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K8S6415ETB-DC7C
Description  64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8S6415ETB-DC7C Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K8S6415ETB-DC7C Datasheet HTML 6Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 7Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 8Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 9Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 10Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 11Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 12Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 13Page - Samsung semiconductor K8S6415ETB-DC7C Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
FLASH MEMORY
K8S6415ET(B)B
Revision 1.1
January, 2006
10
Table 5. Command Sequences (Continued)
Command Definitions
Cycle
1st Cycle
2nd Cycle 3rd Cycle
4th Cycle
5th Cycle
6th Cycle
Block Protection/Unprotection (Note 13)
Add
3
XXX
XXX
ABP
Data
60H
60H
60H
CFI Query (Note 14)
Add
1
(DA)X55H
Data
98H
Set Burst Mode Configuration Register (Note 15)
Add
3
555H
2AAH
(CR)555H
Data
AAH
55H
C0H
Enter OTP Block Region
Addr
3
555H
2AAH
555H
Data
AAH
55H
70H
Exit OTP Block Region
Addr
4
555H
2AAH
555H
XXX
Data
AAH
55H
75H
00H
Notes:
1. RA : Read Address , PA : Program Address, RD : Read Data, PD : Program Data , BA : Block Address (A21 ~ A12)
DA : Bank Address (A21 ~ A18) , ABP : Address of the block to be protected or unprotected , CR : Configuration Register Setting
2. The 4th cycle data of autoselect mode and RD are output data. The others are input data.
3. Data bits DQ15–DQ8 are don’t care in command sequences, except for RD, PD and Device ID.
4. Unless otherwise noted, address bits A21 ~ A11 are don’t cares.
5. The reset command is required to return to read mode.
If a bank entered the autoselect mode during the erase suspend mode, writing the reset command returns that bank to the erase suspend mode.
If a bank entered the autoselect mode during the program suspend mode, writing the reset command returns that bank to the program suspend mode.
If DQ5 goes high during the program or erase operation, writing the reset command returns that bank to read mode or erase suspend mode if that
bank was in erase suspend mode.
6. The 3rd and 4th cycle bank address of autoselect mode must be same.
Device ID Data : "2250H" for Top Boot Block Device, "2251H" for Bottom Boot Block Device
7. Normal Block Protection Verify : 00H for an unprotected block and 01H for a protected block.
OTP Block Protect verify (with OTP Block Address after Entering OTP Block) : 00H for unlocked, and 01H for locked.
8. The unlock bypass command sequence is required prior to this command sequence.
9. Quadruple word accelerated program is invoked only at Vpp=VID ,Vpp setup is required prior to this command sequence.
PA1, PA2, PA3, PA4 have the same A21~A2 address.
10. The system may read and program in non-erasing blocks when in the erase suspend mode.
The system may enter the autoselect mode when in the erase suspend mode.
The erase suspend command is valid only during a block erase operation, and requires the bank address.
11. The erase/program resume command is valid only during the erase/program suspend mode, and requires the bank address.
12. This mode is used only to enable Data Read by suspending the Program operation.
13. Set block address(BA) as either A6 = VIH,
A1 = VIH and A0 = VIL for unprotected or A6 = VIL, A1 = VIH and A0 = VIL for protected.
14. Command is valid when the device is in Read mode or Autoselect mode.
15. See "Set Burst Mode Congiguration Register" for details.


Similar Part No. - K8S6415ETB-DC7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8S6815ETD SAMSUNG-K8S6815ETD Datasheet
1Mb / 48P
   64Mb D-die SLC NOR FLASH
More results

Similar Description - K8S6415ETB-DC7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K5N1229ACD-BQ12 SAMSUNG-K5N1229ACD-BQ12 Datasheet
2Mb / 128P
   512Mb (32M x16) Muxed Burst, Multi Bank SLC NOR Flash
K5L5628JTM SAMSUNG-K5L5628JTM Datasheet
1Mb / 98P
   256M Bit (16M x16) Synchronous Burst , Multi Bank NOR Flash / 128M Bit(8M x16) Synchronous Burst UtRAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Samsung semiconductor
K5T6432YT SAMSUNG-K5T6432YT Datasheet
606Kb / 40P
   Multi-Chip Package MEMORY 64M Bit 4Mx16 Four Bank NOR Flash Memory / 32M Bit 2Mx16 UtRAM
logo
Macronix International
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
logo
AiT Semiconductor Inc.
A25Q64 AITSEMI-A25Q64 Datasheet
1Mb / 56P
   MEMORY SPI NOR FLASH 64M BIT
REV1.0
logo
Macronix International
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com