Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC192 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC192
Description  Presettable synchronous BCD decade up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC192 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC192 Datasheet HTML 5Page - NXP Semiconductors 74HC192 Datasheet HTML 6Page - NXP Semiconductors 74HC192 Datasheet HTML 7Page - NXP Semiconductors 74HC192 Datasheet HTML 8Page - NXP Semiconductors 74HC192 Datasheet HTML 9Page - NXP Semiconductors 74HC192 Datasheet HTML 10Page - NXP Semiconductors 74HC192 Datasheet HTML 11Page - NXP Semiconductors 74HC192 Datasheet HTML 12Page - NXP Semiconductors 74HC192 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
December 1990
11
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
AC WAVEFORMS
Fig.7
Waveforms showing the clock (CPU, CPD) to output (Qn) propagation delays, the clock pulse width and
the maximum clock pulse frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the clock (CPU, CPD) to terminal count output (TCU, TCD) propagation delays.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the parallel load input (PL) and data (Dn) to Qn output propagation delays and PL
removal time to clock input (CPU, CPD).
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190D PHILIPS-74HC190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190DB PHILIPS-74HC190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190N PHILIPS-74HC190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190PW PHILIPS-74HC190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

Similar Description - 74HC192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com