Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS9000DRDR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS9000DRDR
Description  50 MHz to 400 MHz CASCADEABLE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS9000DRDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS9000DRDR Datasheet HTML 2Page - Texas Instruments THS9000DRDR Datasheet HTML 3Page - Texas Instruments THS9000DRDR Datasheet HTML 4Page - Texas Instruments THS9000DRDR Datasheet HTML 5Page - Texas Instruments THS9000DRDR Datasheet HTML 6Page - Texas Instruments THS9000DRDR Datasheet HTML 7Page - Texas Instruments THS9000DRDR Datasheet HTML 8Page - Texas Instruments THS9000DRDR Datasheet HTML 9Page - Texas Instruments THS9000DRDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
34
36
38
40
42
44
46
48
50
0
50
100
200
250
300
f − Frequency − MHz
VS = 5 V, IS = 71 mA
VS = 3 V,
IS = 91 mA
VS = 3 V, IS = 49 mA
VS = 5 V, IS = 48 mA
VS = 3 V,
IS = 69 mA
VS = 5 V,
IS = 97 mA
150
3
4
5
0
100
200
300
400
500
VS = 5 V, IS = 97 mA
VS = 5 V, IS = 48 mA
f − Frequency − MHz
VS = 5 V, IS = 71 mA
VS = 3 V,
IS = 70 mA
VS = 3 V, IS = 49 mA
VS = 3 V, IS = 91 mA
3.5
4.5
3.25
4.25
3.75
4.75
24
26
28
30
32
34
36
38
40
0
100
200
300
400
500
VS = 5 V, IS = 48 mA
VS = 3 V, IS = 69 mA
f − Frequency − MHz
VS = 5 V, IS = 97 mA
VS = 5 V, IS = 71 mA
VS = 3 V, IS = 91 mA
VS = 3 V, IS = 49 mA
20
40
60
80
100
120
140
160
180
200
50
150
250
350
450
550
R(BIAS) − W
VS = 5 V
VS = 3 V
THS9000
SLOS425B – DECEMBER 2003 – REVISED APRIL 2006
OIP2
NOISE FIGURE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
OIP3
SUPPLY CURRENT
vs
vs
FREQUENCY
R(BIAS)
Figure 9.
Figure 10.
6
Submit Documentation Feedback


Similar Part No. - THS9000DRDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9000 TI-THS9000_15 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
More results

Similar Description - THS9000DRDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9001 TI1-THS9001_14 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9000 TI-THS9000_15 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001_15 Datasheet
1Mb / 23P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
   Low Noise Amplifier 50??400 to 3000 MHz
ZRL-400 MINI-ZRL-400 Datasheet
184Kb / 1P
   Low Noise Amplifier 50??150 to 400 MHz
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com