Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2449 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2449
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2449 Datasheet(HTML) 3 Page - Linear Technology

  LTC2449 Datasheet HTML 1Page - Linear Technology LTC2449 Datasheet HTML 2Page - Linear Technology LTC2449 Datasheet HTML 3Page - Linear Technology LTC2449 Datasheet HTML 4Page - Linear Technology LTC2449 Datasheet HTML 5Page - Linear Technology LTC2449 Datasheet HTML 6Page - Linear Technology LTC2449 Datasheet HTML 7Page - Linear Technology LTC2449 Datasheet HTML 8Page - Linear Technology LTC2449 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
3
sn2444589 2444589fs
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V ≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF, (Note 5)
24
Bits
Integral Nonlinearity
VCC = 5V, REF+ = 5V, REF= GND, VINCM = 2.5V, (Note 6)
5
15
ppm of VREF
REF+ = 2.5V, REF= GND, VINCM = 1.25V, (Note 6)
3
ppm of VREF
Offset Error
2.5V ≤ REF+ ≤ VCC, REF= GND,
2.5
5
µV
GND ≤ IN+ = IN≤ VCC (Note 12)
Offset Error Drift
2.5V ≤ REF+ ≤ VCC, REF
= GND,
20
nV/°C
GND ≤ IN+ = IN≤ VCC
Positive Full-Scale Error
REF+ = 5V, REF= GND, IN+ = 3.75V, IN= 1.25V
10
50
ppm of VREF
REF+ = 2.5V, REF= GND, IN+ = 1.875V, IN= 0.625V
10
50
ppm of VREF
Positive Full-Scale Error Drift
2.5V ≤ REF+ ≤ VCC, REF= GND,
0.2
ppm of VREF/°C
IN+ = 0.75REF+, IN= 0.25 • REF+
Negative Full-Scale Error
REF+ = 5V, REF= GND, IN+ = 1.25V, IN= 3.75V
10
50
ppm of VREF
REF+ = 2.5V, REF= GND, IN+ = 0.625V, IN= 1.875V
10
50
ppm of VREF
Negative Full-Scale Error Drift
2.5V ≤ REF+ ≤ VCC, REF
= GND,
0.2
ppm of VREF/°C
IN+ = 0.25 • REF+, IN= 0.75 • REF+
Total Unadjusted Error
5V ≤ VCC ≤ 5.5V, REF+ = 2.5V, REF= GND, VINCM = 1.25V
15
ppm of VREF
5V ≤ VCC ≤ 5.5V, REF+ = 5V, REF= GND, VINCM = 2.5V
15
ppm of VREF
REF+ = 2.5V, REF= GND, VINCM = 1.25V, (Note 6)
15
ppm of VREF
Input Common Mode Rejection DC
2.5V ≤ REF+ ≤ VCC, REF= GND,
120
dB
GND ≤ IN= IN+ ≤ VCC
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
GND – 0.3V
VCC + 0.3V
V
IN
Absolute/Common Mode INVoltage
GND – 0.3V
VCC + 0.3V
V
VIN
Input Differential Voltage Range
–VREF/2
VREF/2
V
(IN+ – IN)
REF+
Absolute/Common Mode REF+ Voltage
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
GND
VCC – 0.1V
V
VREF
Reference Differential Voltage Range
0.1
VCC
V
(REF+ – REF)
CS(IN+)
IN+ Sampling Capacitance
2
pF
CS(IN–)
INSampling Capacitance
2
pF
CS(REF+)
REF+ Sampling Capacitance
2
pF
CS(REF–)
REFSampling Capacitance
2
pF
IDC_LEAK(IN+, IN–,
Leakage Current, Inputs and Reference
CS = VCC, IN
+ = GND, IN= GND,
–15
1
15
nA
REF+, REF–)
REF+ = 5V, REF= GND
ISAMPLE(IN+, IN–,
Average Input/Reference Current
Varies, See Applications Section
nA
REF+, REF–)
During Sampling
tOPEN
MUX Break-Before-Make
50
ns
QIRR
MUX Off Isolation
VIN = 2VP-P DC to 1.8MHz
120
dB
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE


Similar Part No. - LTC2449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2449 LINER-LTC2449_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results

Similar Description - LTC2449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449 LINER-LTC2449_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444 LINER-LTC2444_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
   24-Bit High Speed Differential ADC with Selectable Speed/Resolution
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com