Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTUX Datasheet(PDF) 7 Page - Linear Technology

Part # LTUX
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTUX Datasheet(HTML) 7 Page - Linear Technology

Back Button LTUX Datasheet HTML 3Page - Linear Technology LTUX Datasheet HTML 4Page - Linear Technology LTUX Datasheet HTML 5Page - Linear Technology LTUX Datasheet HTML 6Page - Linear Technology LTUX Datasheet HTML 7Page - Linear Technology LTUX Datasheet HTML 8Page - Linear Technology LTUX Datasheet HTML 9Page - Linear Technology LTUX Datasheet HTML 10Page - Linear Technology LTUX Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC2421/LTC2422
24212f
TYPICAL PERFOR A CE CHARACTERISTICS
Conversion Current
vs Temperature
Sleep Current vs Temperature
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VCC
Rejection vs Frequency at VCC
Rejection vs Frequency at VCC
TEMPERATURE (
°C)
–55
220
20
24212 G19
190
170
–30
–5
45
160
150
230
210
200
180
70
95
120
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
TEMPERATURE (
°C)
–55
0
10
20
30
–30
–5
20
45
24212 G20
70
95
120
VCC = 2.7V
VCC = 5V
FREQUENCY AT VCC (Hz)
1
–60
–40
–20
200
24212 G21
–80
–100
–120
50
100
150
250
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VCC (Hz)
15200
–120
–100
–80
–60
–40
0
15250 15300 15350 15400
24212 G22
15450 15500
–20
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VCC (Hz)
1
–120
–100
–80
–60
–40
–20
0
100
10k
1M
24212 G23
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VIN (Hz)
1
–120
–100
–80
–60
–40
–20
0
50
100
150
200
24212 G24
250
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
24212 G25
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY AT VIN (Hz)
15100
–120
–100
–80
–60
–40
–20
0
15200
15300
15400
15500
24212 G26
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
SAMPLE RATE = 15.36kHz
±2%
INPUT FREQUENCY
0
–60
–40
0
24212 G27
–80
–100
fS/2
fS
–120
–140
–20


Similar Part No. - LTUX

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LTU-450 EUROQUARTZ-LTU-450 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450B2 EUROQUARTZ-LTU-450B2 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450C2 EUROQUARTZ-LTU-450C2 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450D2 EUROQUARTZ-LTU-450D2 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450E2 EUROQUARTZ-LTU-450E2 Datasheet
48Kb / 1P
   CERAMIC FILTER
More results

Similar Description - LTUX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2401 LINER-LTC2401_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2402 LINER-LTC2402_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
   1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com