Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC174PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC174PW
Description  Hex D-type flip-flop with reset; positive-edge trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC174PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC174PW Datasheet HTML 1Page - NXP Semiconductors 74HC174PW Datasheet HTML 2Page - NXP Semiconductors 74HC174PW Datasheet HTML 3Page - NXP Semiconductors 74HC174PW Datasheet HTML 4Page - NXP Semiconductors 74HC174PW Datasheet HTML 5Page - NXP Semiconductors 74HC174PW Datasheet HTML 6Page - NXP Semiconductors 74HC174PW Datasheet HTML 7Page - NXP Semiconductors 74HC174PW Datasheet HTML 8Page - NXP Semiconductors 74HC174PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1998 Jul 08
5
Philips Semiconductors
Product specification
Hex D-type flip-flop with reset; positive-edge trigger
74HC/HCT174
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
55
165
205
250
ns
2.0
Fig.6
20
33
41
50
4.5
16
28
35
43
6.0
tPHL
propagation delay
MR to Qn
44
150
190
225
ns
2.0
Fig.7
16
30
38
45
4.5
13
26
33
38
6.0
tTHL/ tTLH
output transition time
19
75
95
110
ns
2.0
Fig.6
7
15
19
22
4.5
6
13
16
19
6.0
tW
clock pulse width
HIGH or LOW
80
17
100
120
ns
2.0
Fig.6
16
6
20
24
4.5
14
5
17
20
6.0
tW
master reset pulse
width; LOW
80
12
100
120
ns
2.0
Fig.7
16
4
20
24
4.5
14
3
17
20
6.0
trem
removal time
MR to CP
5
−11
5
5
ns
2.0
Fig.7
5
−4
5
5
4.5
5
−3
5
5
6.0
tsu
set-up time
Dn to CP
60
6
75
90
ns
2.0
Fig.8
12
2
15
18
4.5
10
2
13
15
6.0
th
hold time
Dn to CP
3
−6
3
3
ns
2.0
Fig.8
3
−2
3
3
4.5
3
−2
3
3
6.0
fmax
maximum clock pulse
frequency
6
30
5
4
MHz
2.0
Fig.6
30
90
24
20
4.5
35
107
28
24
6.0


Similar Part No. - 74HC174PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC174PW NEXPERIA-74HC174PW Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
74HC174PW-Q100 NEXPERIA-74HC174PW-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
74HC174PW-Q100 NEXPERIA-74HC174PW-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
More results

Similar Description - 74HC174PW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com