Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT192D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT192D
Description  Presettable synchronous BCD decade up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT192D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT192D Datasheet HTML 1Page - NXP Semiconductors 74HCT192D Datasheet HTML 2Page - NXP Semiconductors 74HCT192D Datasheet HTML 3Page - NXP Semiconductors 74HCT192D Datasheet HTML 4Page - NXP Semiconductors 74HCT192D Datasheet HTML 5Page - NXP Semiconductors 74HCT192D Datasheet HTML 6Page - NXP Semiconductors 74HCT192D Datasheet HTML 7Page - NXP Semiconductors 74HCT192D Datasheet HTML 8Page - NXP Semiconductors 74HCT192D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
December 1990
4
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
PIN DESCRIPTION
Note
1. LOW-to-HIGH, edge triggered
PIN NO.
SYMBOL
NAME AND FUNCTION
3, 2, 6, 7
Q0 to Q3
flip-flop outputs
4CPD
count down clock input(1)
5CPU
count up clock input(1)
8
GND
ground (0 V)
11
PL
asynchronous parallel load input (active LOW)
12
TCU
terminal count up (carry) output (active LOW)
13
TCD
terminal count down (borrow) output (active LOW)
14
MR
asynchronous master reset input (active HIGH)
15, 1, 10, 9
D0 to D3
data inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HCT192D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT190 PHILIPS-74HCT190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190D PHILIPS-74HCT190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190DB PHILIPS-74HCT190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190N PHILIPS-74HCT190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190PW PHILIPS-74HCT190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

Similar Description - 74HCT192D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com