Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5L9286F02-T0R0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S5L9286F02-T0R0
Description  DIGITAL SIGNAL PROCESSOR FOR DISCMAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5L9286F02-T0R0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S5L9286F02-T0R0 Datasheet HTML 5Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 6Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 7Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 8Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 9Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 10Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 11Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 12Page - Samsung semiconductor S5L9286F02-T0R0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DIGITAL SIGNAL PROCESSOR FOR DISCMAN
S5L986F02
9
MCK, MDAT, MLT & TRCNT (Vcc=3.4V, Vss=0V, Ta=25oC, unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Clock Frequency
FCK1
--
1
MHz
Clock Pule Width
TW
300
-
-
ns
Setup Time
TSU
300
-
-
ns
Hold Time
TH
300
-
-
ns
Delay Time
TD
300
-
-
ns
Latch Pulse Width
TWCK1
300
-
-
ns
TRCNT, SQCK Frequency
FCK2
--
1
MHz
TRCNT, SQCK Pulse Width
TWCK2
300
-
-
ns
MCK
MDAT
MLT
TRCNT
SQCK
SQDAT
1/FCK1
TWCK1
TWCK1
TD
TW
TWCK2
TWCK2
1/FCK2
TH
TSU
TH
TSU


Similar Part No. - S5L9286F02-T0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L9286F02-T0R0 SAMSUNG-S5L9286F02-T0R0 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - S5L9286F02-T0R0

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F01 SAMSUNG-S5L986F01 Datasheet
599Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR CDP
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com