Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26C31W Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26C31W
Description  CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26C31W Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS26C31W Datasheet HTML 1Page - National Semiconductor (TI) DS26C31W Datasheet HTML 2Page - National Semiconductor (TI) DS26C31W Datasheet HTML 3Page - National Semiconductor (TI) DS26C31W Datasheet HTML 4Page - National Semiconductor (TI) DS26C31W Datasheet HTML 5Page - National Semiconductor (TI) DS26C31W Datasheet HTML 6Page - National Semiconductor (TI) DS26C31W Datasheet HTML 7Page - National Semiconductor (TI) DS26C31W Datasheet HTML 8Page - National Semiconductor (TI) DS26C31W Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MNDS26C31M-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vih
Logical "1" Input
Voltage
2.0
V
1, 2,
3
Vil
Logical "0" Input
Voltage
0.8
V
1, 2,
3
Voh
Logical "1"
Output Voltage
Vin=Vih or Vil, Vcc=4.5V, Iout=-20mA
2.5
V
1, 2,
3
Vol
Logical "0"
Output Voltage
Vin=Vih or Vil, Iout=20mA, Vcc=4.5V
0.5
V
1, 2,
3
Vt
Differential
Output Voltage
Rl=100 Ohms, Vcc=4.5V
1
2.0
V
1, 2,
3
|Vt|-|Vt|
Difference in
Differential
Output
Rl=100 Ohms, Vcc=4.5V
1
0.4
V
1, 2,
3
Vos
Common Mode
Output Voltage
Rl=100 Ohms, Vcc=5.5V
1
3.0
V
1, 2,
3
|Vos-Vos|
Difference in
Common Mode
Output
Rl=100 Ohms, Vcc=5.5V
1
0.4
V
1, 2,
3
Iin
Input Current
Vin=Vcc, Gnd, Vih, or Vil, Vcc=5.5V
+ 1.0
uA
1, 2,
3
Icc
Quiescent Power
Supply Current
Iout=0uA, Vin=Vcc or Gnd, Vcc=5.5V
2
500
uA
1, 2,
3
Iout=0uA, Vin=2.4V or 0.5V, Vcc=5.5V
2
2.1
mA
1, 2,
3
Ioz
TRI-STATE Output
Leakage Current
Vout=Vcc or Gnd, Enable=Vil, Vcc=5.5V,
Enable = Vih
+ 5.0
uA
1, 2,
3
Isc
Output Short
Circuit Current
Vin=Vcc or Gnd, Vcc=5.5V
1, 3
-30
-150
mA
1, 2,
3
Ioff
Output Leakage
Current "Power
Off"
Vcc=0V, Vout=6V
100
uA
1, 2,
3
Vcc=0V, Vout=0V
-100
uA
1, 2,
3
4


Similar Part No. - DS26C31W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C31 NSC-DS26C31 Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
DS26C31M NSC-DS26C31M Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31M TI-DS26C31M Datasheet
1Mb / 19P
[Old version datasheet]   DS26C31T/DS26C31M CMOS Quad TRI-STATE짰 Differential Line Driver
logo
National Semiconductor ...
DS26C31ME/883 NSC-DS26C31ME/883 Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
DS26C31MJ/883 NSC-DS26C31MJ/883 Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
More results

Similar Description - DS26C31W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
   CMOS Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
[Old version datasheet]   DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
   CMOS Qual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com