Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT190DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT190DB
Description  Presettable synchronous BCD decade up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT190DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT190DB Datasheet HTML 4Page - NXP Semiconductors 74HCT190DB Datasheet HTML 5Page - NXP Semiconductors 74HCT190DB Datasheet HTML 6Page - NXP Semiconductors 74HCT190DB Datasheet HTML 7Page - NXP Semiconductors 74HCT190DB Datasheet HTML 8Page - NXP Semiconductors 74HCT190DB Datasheet HTML 9Page - NXP Semiconductors 74HCT190DB Datasheet HTML 10Page - NXP Semiconductors 74HCT190DB Datasheet HTML 11Page - NXP Semiconductors 74HCT190DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
December 1990
8
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT190
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 TO +85 −40 TO +125
min. typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
72
26
21
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.10
tPHL/ tPLH
propagation delay
CP to TC
83
30
24
255
51
43
320
64
54
385
77
65
ns
2.0
4.5
6.0
Fig.10
tPHL/ tPLH
propagation delay
CP to RC
44
16
13
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.11
tPHL/ tPLH
propagation delay
CE to RC
33
12
10
130
26
22
165
33
28
195
39
33
ns
2.0
4.5
6.0
Fig.11
tPHL/ tPLH
propagation delay
Dn to Qn
63
23
18
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
PL to Qn
63
23
18
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.13
tPHL/ tPLH
propagation delay
U/D to TC
44
16
13
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.14
tPHL/ tPLH
propagation delay
U/D to RC
50
18
14
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.14
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.15
tW
clock pulse width
HIGH or LOW
155
31
26
28
10
8
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.10
tW
parallel load pulse width
LOW
100
20
17
25
9
7
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.15


Similar Part No. - 74HCT190DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT191 PHILIPS-74HCT191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HCT191D PHILIPS-74HCT191D Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HCT191DB PHILIPS-74HCT191DB Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HCT191N PHILIPS-74HCT191N Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HCT191PW PHILIPS-74HCT191PW Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results

Similar Description - 74HCT190DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com