Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2860ACPZ250-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2860ACPZ250-RL7
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2860ACPZ250-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADN2860ACPZ250-RL7 Datasheet HTML 1Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 2Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 3Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 4Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 5Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 6Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 7Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 8Page - Analog Devices ADN2860ACPZ250-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3-Channel Digital Potentiometer with
Nonvolatile Memory
ADN2860
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
3 channels:
Dual 512-position
Single 128-position
25 kΩ or 250 kΩ full-scale resistance
Low temperature coefficient:
Potentiometer divider 15 ppm/°C
Rheostat mode 35 ppm/
°C
Nonvolatile memory retains wiper settings
Permanent memory write protection
Linear increment/decrement
±6 dB increment/decrement
I2C-compatible serial interface
2.7 V to 5.5 V single-supply operation
±2.25 V to ±2.75 V dual-supply operation
Power-on reset time
256 bytes general-purpose user EEPROM
11 bytes RDAC user EEPROM
GBIC and SFP compliant EEPROM
100-year typical data retention at TA = 55°C
APPLICATIONS
Laser diode drivers
Optical amplifiers
TIA gain setting
TEC controller temperature setpoint
FUNCTIONAL BLOCK DIAGRAM
A0
W0
B0
A1
W1
B1
A2
W2
B2
A0
W0
B0
A0
W0
B0
A1
W1
B1
A1
W1
B1
A2
W2
B2
A2
W2
B2
RDAC0
9 BITS
RDAC1
9 BITS
RDAC2
7 BITS
DATA
CONTROL
COMMAND
DECODE
LOGIC
ADDRESS
DECODE
LOGIC
DECODE
LOGIC
POWER-ON
RESET
I2C
SERIAL
INTERFACE
32 BYTES
RDAC
EEPROM
256 BYTES
USER
EEPROM
VDD
VSS
DGND
SCL
SDA
AD0
AD1
A0_EE
A1_EE
RESET
WP
Figure 1.
GENERAL DESCRIPTION
The ADN2860 provides dual 512-position and single
128-position, digitally controlled variable resistors1 (VR) in a
single 4 mm × 4 mm LFCSP package. This device performs the
same electronic adjustment function as a potentiometer,
trimmer, or variable resistor. Each VR offers a completely
programmable value of resistance between the A terminal and
the wiper, or the B terminal and the wiper. The fixed A-to-B
terminal resistance of 25 kΩ or 250 kΩ has a 1% channel-to-
channel matching tolerance and a nominal temperature
coefficient of 35 ppm/°C.
Wiper position programming, EEPROM2 reading, and EEPROM
writing are conducted via the standard 2-wire I2C interface. Pre-
vious default wiper position settings can be stored in memory,
and refreshed upon system power-up.
Additional features of the ADN2860 include preprogrammed
linear and logarithmic increment/decrement wiper changing.
The actual resistor tolerances are stored in EEPROM so that the
actual end-to-end resistance is known, which is valuable for
calibration in precision applications.
The ADN2860 EEPROM, channel resolution, and package size
conform to GBIC and SFP specifications. The ADN2860 is
available in a 4 mm × 4 mm, 24-lead LFCSP package. All parts
are guaranteed to operate over the extended industrial tempera-
ture range −40°C to +85°C.
1 The terms programmable resistor, variable resistor, RDAC, and digital
potentiometer are used interchangeably.
2 The terms nonvolatile memory, EEMEM, and EEPROM are used
interchangeably.


Similar Part No. - ADN2860ACPZ250-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Similar Description - ADN2860ACPZ250-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
AD5255 AD-AD5255 Datasheet
626Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com