Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2SL-L-1.5V-Z Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # TQ2SL-L-1.5V-Z
Description  LOW-PROFILE SURFACE-MOUNT RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2SL-L-1.5V-Z Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  TQ2SL-L-1.5V-Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2SL-L-1.5V-Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2SL-L-1.5V-Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2SL-L-1.5V-Z Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2SL-L-1.5V-Z Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TQ-SMD
141
ORDERING INFORMATION
2
SA
L
3V
Z
Ex. TQ
Contact arrangement
Surface-mount availability
Operating function
Coil voltage (DC)
Packing style
SA: Standard surface-mount
SA: terminal type
SL : High connection reliability
SA: surface-mount terminal type
SS: Space saving surface-
SA: mount terminal type
2: 2 Form C
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
1.5, 3, 4.5, 5, 6,
9, 12, 24, 48* V
Nil: Tube packing
Z: Tape and reel packing (pick-
ed from the 6/7/8/9/10-pin side)
*48 V coil type: Single side stable only
Notes: 1. Tape and reel (picked from 1/2/3/4/5-pin side) is also available by request. Part No. suffix “-X” is needed when ordering. (ex.) TQ2SA-3V-X
2. Tape and reel packing symbol “-Z” or “-X” are not marked on the relay.
––
Surface-mount terminal variation
Variation
Terminal style
Ambient environment
Normal environments
(indoor)
Drastic temperature fluctuations
(outdoor)
SA type
(Standard surface-mount terminal type)
Recommended
SL type
(Highly connection reliability surface-mount
terminal type)
Recommended
Recommended
SS type
(Space saving surface-mount terminal type)
Recommended
Recommended
7.62
.300
11.5
±0.5
.453
±.020
4.9
.193
0.25
.010
7.62
.300
11.5
±0.5
.453
±.020
4.9
.193
0.25
.010
7.62
.300
9.3
±0.5
±.020
4.9
.193
0.25
.010
TYPES
1. Single side stable
2. 1 coil latching
Part No.
Nominal
voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
TQ2Sr-1.5 V
1.5
1.13
0.15
93.8
16
140
2.2
TQ2Sr-3 V
3
2.25
0.3
46.7
64.3
140
4.5
TQ2Sr-4.5 V
4.5
3.38
0.45
31
145
140
6.7
TQ2Sr-5 V
5
3.75
0.5
28.1
178
140
7.5
TQ2Sr-6 V
6
4.5
0.6
23.3
257
140
9
TQ2Sr-9 V
9
6.75
0.9
15.5
579
140
13.5
TQ2Sr-12 V
12
9
1.2
11.7
1,028
140
18
TQ2Sr-24 V
24
18
2.4
8.3
2,880
200
36
TQ2Sr-48 V
48
36
4.8
6.3
7,680
300
57.6
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
TQ2Sr-L-1.5 V
1.5
1.13
1.13
46.9
32
70
2.2
TQ2Sr-L-3 V
3
2.25
2.25
23.3
128.6
70
4.5
TQ2Sr-L-4.5 V
4.5
3.38
3.38
15.6
289.3
70
6.7
TQ2Sr-L-5 V
5
3.75
3.75
14
357
70
7.5
TQ2Sr-L-6 V
6
4.5
4.5
11.7
514
70
9
TQ2Sr-L-9 V
9
6.75
6.75
7.8
1,157
70
13.5
TQ2Sr-L-12 V
12
9
9
5.8
2,057
70
18
TQ2Sr-L-24 V
24
18
18
4.2
5,760
100
36


Similar Part No. - TQ2SL-L-1.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2SL-L-1.5V PANASONIC-TQ2SL-L-1.5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2SL-L-1.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com