Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFH77 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CFH77
Description  GaAs HEMT For low noise front end amplifiers up to 20 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH77 Datasheet(HTML) 3 Page - Infineon Technologies AG

  CFH77 Datasheet HTML 1Page - Infineon Technologies AG CFH77 Datasheet HTML 2Page - Infineon Technologies AG CFH77 Datasheet HTML 3Page - Infineon Technologies AG CFH77 Datasheet HTML 4Page - Infineon Technologies AG CFH77 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CFH 77
Data Book
3
03.00
Total Power Dissipation
P
tot = f (TS; TA),
package mounted on alumina
Typical Common Source Noise Parameters
I
D = 15 mA, UDS = 2.0 V, Z0 = 50 Ω
f
F
min
G
a
G
opt
R
n
r
n
N
F
50
GHz
dB
dB
MAG
ANG
––
dB
2
0.36
19.4
0.79
27
13.7
0.274
0.03
1.2
4
0.44
15.9
0.72
60
10.1
0.202
0.04
1.1
6
0.51
13.9
0.63
92
5.85
0.117
0.05
1.05
8
0.58
12.4
0.56
134
2.35
0.047
0.06
1.0
10
0.65
11.2
0.52
180
1.1
0.022
0.07
1.0
12
0.72
10.4
0.54
– 135
2.9
0.058
0.08
1.1
14
0.80
9.7
0.59
– 108
7.15
0.143
0.10
1.5
0
EHT08532
0
A
T
Ptot
50
100
150
˚C
TS
;
TA
TS
20
40
60
80
100
120
140
160
180
200
mW


Similar Part No. - CFH77

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
CFH02 CAMDENBOSS-CFH02 Datasheet
840Kb / 1P
   5x20mm PCB fuse carriers
CFH02/W CAMDENBOSS-CFH02/W Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
CFH02/W CAMDENBOSS-CFH02/W Datasheet
840Kb / 1P
   5x20mm PCB fuse carriers
CFH02H CAMDENBOSS-CFH02H Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results

Similar Description - CFH77

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
   AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
logo
Hittite Microwave Corpo...
HMC-ALH435 HITTITE-HMC-ALH435 Datasheet
209Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 5 - 20 GHz
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
   GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Mitsubishi Electric Sem...
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
   Low Noise GaAs HEMT
MGF4953A MITSUBISHI-MGF4953A_11 Datasheet
141Kb / 5P
   Low Noise GaAs HEMT
MGF4953B MITSUBISHI-MGF4953B_11 Datasheet
159Kb / 6P
   Low Noise GaAs HEMT
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
   Low Noise GaAs HEMT
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
BFR193W INFINEON-BFR193W_14 Datasheet
660Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com