Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3209-021 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSDL-3209-021
Description  IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3209-021 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSDL-3209-021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Electrical & Optical Specifications
Specifications (Min. & Max. values) hold over the recommended operating conditions unless otherwise noted.
Unspecified test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25°C with Vcc set to
3.0V and IOVcc set to 1.8V unless otherwise noted.
Notes:
4. For in-band signals from 9.6kbit/s to 115.2 kbit/s, where 9
µW/cm2 ≤ EI ≤ 500mW/cm2.
5. Latency time is defined as the time from the last TxD light output pulse until the receiver has recovered full sensitivity
6. Receiver wake up time is measured from Vcc power on or SD pin high to low transition to a valid RXD output.
7. The maximum optical PW is the maximum time the LED remains on when the TXD is constantly high. This is to prevent long turn on time of the LED
for eye safety protection.
8. For Vcc > 3V and IOVcc < 1.8V, ICC1 can exceed 15uA.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Receiver
Viewing Angle
2
θ
½
30
°
Peak Sensitivity Wavelength
λp
880
nm
RXD Output Voltage
Logic High
VOH
IOVcc-0.2
IOVcc
V
IOH = -200
µA,
EI
≤ 1.0 µW/cm2
Logic Low
VOL
00.4
V
IOL = 200
µA,
EI
≥ 8.1 µW/cm2
RXD Pulse Width (SIR) [4]
tPW (SIR)
1
4.0
µs
θ
½
≤ 15°, CL =9 pF
RXD Rise and Fall Times
tr, tf
60
ns
CL =9 pF
Receiver Latency Time [5]
tL
50
µs
Receiver Wake Up Time [6]tW
100
µs
Transmitter
Radiant Intensity
IEH
414
mW/sr
ILEDA= 50 mA,
θ
½
≤ 15°, V
TXD
≥ V
IH
TA=25 °C, IOVcc = 1.8V
Viewing Angle
2
θ
½
30
60
°
Peak Wavelength
λp
875
nm
Spectral Line Half Width
∆λ½
35
nm
TXD Input Current
High
IH
0.02
10
µA
VI
≥ V
IH
Low
IL
-10
-0.02
10
µA
0
≤ V
I
≤ V
IL
LED Current
On
IVLED
50
mA
VI(TXD)
≥ V
IH
Shutdown
IVLED
200
nA
VI(SD)
≥ V
IH
Optical Pulse Width (SIR)
tPW (SIR)
1.4
1.6
1.8
µs
tPW (TXD) = 1.6
µs at
115.2 kbit/s
Maximum Optical PW [7]
tPW(max.)
100
µs
TXD Rise and fall Time (Optical)
tr, tf
600
ns
tpw(TXD) = 1.6
µs
LED Anode On State Voltage
VON(LEDA)
1.55
1.8
V
ILEDA=50mA,
VI(TXD)
≥ V
IH
Transceiver
Supply Current
Shutdown [8]
ICC1
1
µA
VSD
≥ V
IH, TA=25°C
Idle
ICC2
100
µA
VI(TXD)
≤ V
IL, EI = 0


Similar Part No. - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com