Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-386F Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMP-386F
Description  Surface Mount PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-386F Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMP-386F Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-386F Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Lead Code
Identification, SOT-23
(Top View)
Package Lead Code
Identification, SOT-323
(Top View)
COMMON
CATHODE
#4
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
Package Lead Code
Identification, SOT-363
(Top View)
UNCONNECTED
TRIO
L
12
3
65
4
Electrical Specifications T
C = 25
°C, each diode
PIN General Purpose Diodes, Typical Specifications T
A = 25°C
Package
Minimum
Typical
Typical
Part Number
Marking
Lead
Breakdown
Series Resistance Total Capacitance
HSMP-
Code
Code
Configuration
Voltage V
BR (V)
R
S (Ω)CT (pF)
3860
L0
[1]
0
Single
50
3.0 /1.5*
0.20
3862
L2
[1]
2
Series
3863
L3
[1]
3
Common Anode
3864
L4
[1]
4
Common Cathode
386B
L0
[2]
B
Single
386C
L2
[2]
C
Series
386E
L3
[2]
E
Common Anode
386F
L4
[2]
F
Common Cathode
386L
LL
[2]
L
Unconnected Trio
Test Conditions
V
R = VBR
I
F = 10 mA
V
R = 50 V
Measure
f = 100 MHz
f = 1 MHz
I
R ≤ 10 µA
IF = 100 mA*
Notes:
1. Package marking code is laser marked.
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
If
Forward Current (1
µs Pulse)
Amp
1
1
PIV
Peak Inverse Voltage
V
50
50
Tj
Junction Temperature
°C
150
150
Tstg
Storage Temperature
°C
-65 to 150
-65 to 150
θ
jc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to
the device.
2. TC = +25
°C, where TC is defined to be the temperature at the package pins where
contact is made to the circuit board.
ESD WARNING:
Handling Precautions Should Be
Taken To Avoid Static Discharge.


Similar Part No. - HSMP-386F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-386F HP-HSMP-386F Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386F AVAGO-HSMP-386F Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
HSMP-386F AVAGO-HSMP-386F Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
HSMP-386F AVAGO-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-386F

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com